Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13164 Datasheet(PDF) 15 Page - Hitachi Semiconductor

Part # HA13164
Description  Multiple Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13164 Datasheet(HTML) 15 Page - Hitachi Semiconductor

Back Button HA13164 Datasheet HTML 10Page - Hitachi Semiconductor HA13164 Datasheet HTML 11Page - Hitachi Semiconductor HA13164 Datasheet HTML 12Page - Hitachi Semiconductor HA13164 Datasheet HTML 13Page - Hitachi Semiconductor HA13164 Datasheet HTML 14Page - Hitachi Semiconductor HA13164 Datasheet HTML 15Page - Hitachi Semiconductor HA13164 Datasheet HTML 16Page - Hitachi Semiconductor HA13164 Datasheet HTML 17Page - Hitachi Semiconductor HA13164 Datasheet HTML 18Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
HA13164A
Rev.0, Jun. 2001, page 15 of 18
–50
0
50
100
150
SVR vs. Tc VDD Output
0
10
20
30
40
50
60
70
Tc (
°C)
Vcc = 13.2V
Ripple f = 100Hz, v = 0dBm
Io = 10mA
Io = 40mA
Io = 80mA
0
10
20
30
40
50
60
70
SVR vs. Tc CD Output
–50
0
50
100
150
Tc (
°C)
Vcc = 13.2V
Ripple f = 100Hz, v = 0dBm
Io = 10mA
Io = 500mA
Io = 1A


Similar Part No. - HA13164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com