Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13164 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA13164
Description  Multiple Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13164 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA13164 Datasheet HTML 3Page - Hitachi Semiconductor HA13164 Datasheet HTML 4Page - Hitachi Semiconductor HA13164 Datasheet HTML 5Page - Hitachi Semiconductor HA13164 Datasheet HTML 6Page - Hitachi Semiconductor HA13164 Datasheet HTML 7Page - Hitachi Semiconductor HA13164 Datasheet HTML 8Page - Hitachi Semiconductor HA13164 Datasheet HTML 9Page - Hitachi Semiconductor HA13164 Datasheet HTML 10Page - Hitachi Semiconductor HA13164 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HA13164A
Rev.0, Jun. 2001, page 7 of 18
Electrical Characteristics
(unless otherwise noted, Vcc = 13.2 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit Test Condition
Standby current
IST
460
700
µA
ACC = 0V, CTRL = 0V
CTRL L level (STBY mode)
VCL
0
1.0
V
CTRL M level (CD OFF mode)
VCM
2.0
3.0
V
CTRL H level (CD ON mode)
VCH
4.0
V
ANT CTRL L level (ANTOFF mode)
VACL
0
2.0
V
ANT CTRL H level (ANT ON mode)
VACH
3.0
V
Output voltage
Vo1
5.4
5.7
6.0
V
Io1 = 80mA
Voltage regulation
∆Vo11
10
50
mV
Vcc = 10 to 16V, Io1 = 80mA
Load regulation
∆Vo12
50
100
mV
Io1 = 0 to 80mA
Minimum I/O voltage differential
∆Vo13
1.0
1.5
V
Io1 = 80mA
Output current capacity
Io1
100
250
mA
Vo1
≥ 5.4V
VDD
OUT
Ripple rejection ratio
SVR1
50
60
dB
f = 100Hz, Io1 = 80mA
Output voltage 2
Vo2
7.6
8.0
8.4
V
Io2 = 1.0A
Voltage regulation
∆Vo21
40
100
mV
Vcc = 10 to 16V, Io2 = 1.0A
Load regulation
∆Vo22
70
150
mV
Io2 = 10m to 1.0A
Minimum I/O voltage differential
∆Vo23
1.0
1.5
V
Io2 = 1.0A
Output current capacity
Io2
1.3
2.0
A
Vo2
≥ 7.6V
CD
OUT
Ripple rejection ratio
SVR2
40
45
dB
f = 100Hz, Io2 = 1.0A
Output voltage 3
Vo3
8.5
9.0
9.5
V
Io3 = 400mA
Voltage regulation
∆Vo31
30
90
mV
Vcc = 10 to 16V, Io3 = 400mA
Load regulation
∆Vo32
100
200
mV
Io3 = 10 to 400mA
Minimum I/O voltage differential
∆Vo33
0.4
0.9
V
Io3 = 400mA
Output current capacity
Io3
500
850
mA
Vo3
≥ 8.5V
AUDIO
OUT
Ripple rejection ratio
SVR3
45
50
dB
f = 100Hz, Io3 = 400mA
Output voltage 4
Vo4
9.35
9.85
10.35
V
Io4 = 400mA
Voltage regulation
∆Vo41
40
100
mV
Vcc = 12.5 to 16V, Io4 = 400mA
Load regulation
∆Vo42
50
100
mV
Io4 = 10 to 400mA
Minimum I/O voltage differential
∆Vo43
1.0
1.5
V
Io4 = 400mA
Output current capacity
Io4
500
900
mA
Vo4
≥ 9.35V
ILM
OUT
Ripple rejection ratio
SVR4
35
40
dB
f = 100Hz, Io4 = 400mA
Differential I/O voltage
∆Vo51
1.0
1.5
V
Io5 = 300mA
Load regulation
∆Vo52
350
600
mV
Io5 = 10 to 300mA
EXT12
OUT
Output current capacity
Io5
300
500
mA
Vo5
≥ 11.7V


Similar Part No. - HA13164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com