Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13164A Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HA13164A
Description  Multiple Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13164A Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HA13164A Datasheet HTML 1Page - Hitachi Semiconductor HA13164A Datasheet HTML 2Page - Hitachi Semiconductor HA13164A Datasheet HTML 3Page - Hitachi Semiconductor HA13164A Datasheet HTML 4Page - Hitachi Semiconductor HA13164A Datasheet HTML 5Page - Hitachi Semiconductor HA13164A Datasheet HTML 6Page - Hitachi Semiconductor HA13164A Datasheet HTML 7Page - Hitachi Semiconductor HA13164A Datasheet HTML 8Page - Hitachi Semiconductor HA13164A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HA13164A
Rev.0, Jun. 2001, page 2 of 18
Pin Description and Equivalent Circuit
Function
Pin
No.
Pin Name
Specification
Equivalent Circuit
Normal Operation
TSD
Surge Input
1
EXT OUT
VCC-1V/300mA min
Output voltage is
VCC-1 V when M
or H level applied to
CTRL pin.
0V
0V
2
ANT OUT
VCC-1V/300mA min
Vcc
90k
Vcc
10k
Output voltage is
VCC-1 V when M
or H level to CTRL
pin and H level to
ANT-CTRL.
0V
0V
3ACCIN
15k
45k
Connected to ACC.
4
VDD OUT
5.7V/100mA min
Vcc
175k
Vcc
50k
Regular 5.7V.
5.7V
0V
5
SW5VOUT
5.0V/100mA min
Output voltage is
5V when M or H
level applied to
CTRL pin.
0V
0V
6
COMPOUT
5.0V/100mA min
Vcc
50k
VDD
Output for ACC
detector
0V
0V
7
ANT CTRL
49k
51k
L: ANT output OFF
H: ANT output ON
——


Similar Part No. - HA13164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13164A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
   Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
   Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator???
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
   Multifunction Multiple Voltage Regulator
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
   MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
   Multiple output voltage regulator
July 1994
logo
Sanyo Semicon Device
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
   Multifunction Multiple Voltage Regulator?
logo
STMicroelectronics
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
   Multiple switching voltage regulator
logo
NXP Semiconductors
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
   Multiple voltage regulator with switch
1997 May 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com