Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13164A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HA13164A
Description  Multiple Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA13164A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HA13164A Datasheet HTML 1Page - Hitachi Semiconductor HA13164A Datasheet HTML 2Page - Hitachi Semiconductor HA13164A Datasheet HTML 3Page - Hitachi Semiconductor HA13164A Datasheet HTML 4Page - Hitachi Semiconductor HA13164A Datasheet HTML 5Page - Hitachi Semiconductor HA13164A Datasheet HTML 6Page - Hitachi Semiconductor HA13164A Datasheet HTML 7Page - Hitachi Semiconductor HA13164A Datasheet HTML 8Page - Hitachi Semiconductor HA13164A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HA13164A
Multiple Voltage Regulator
ADE-207-342 (Z)
Rev.0
Jun. 2001
General Description
The HA13164A is a compact multiple voltage regulator for car audio system. The outputs of this IC output
consist of regulated 5.7 V output for a microcontroller, regulated 8 V output for CD driver, regulated 9.0 V
output for audio control, regulated 10 V output for illuminations and regulated 5 V output, VCC-dependent
output for external output and VCC-dependent output for remort-ANT.
Functions
General
ACC power monitor circuit is built-in as to detect low voltage.
Low saturation output (PNP output) used for audio output.
Adjustable voltage for illumination output by changing an external resister.
Protections
Output current limit circuit to avoid device destruction caused by shorted output, etc.
High surge input protector against VCC and ACC.
Built in a thermal shutdown circuit to prevent against the thermal destruction.


Similar Part No. - HA13164A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13164A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3602 PHILIPS-TDA3602 Datasheet
205Kb / 26P
Multiple output voltage regulator
July 1994
TDA3607 PHILIPS-TDA3607 Datasheet
85Kb / 16P
Multiple voltage regulator with switch
1997 May 05
TDA3615J PHILIPS-TDA3615J Datasheet
113Kb / 18P
Multiple voltage regulator
2004 Jan 12
TDA3617 PHILIPS-TDA3617 Datasheet
79Kb / 16P
Multiple voltage regulator
1999 Jul 14
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
logo
STMicroelectronics
L5952 STMICROELECTRONICS-L5952 Datasheet
145Kb / 15P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
September 2003
L5953 STMICROELECTRONICS-L5953_07 Datasheet
378Kb / 31P
Multiple switching voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com