Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2591HV Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2591HV Datasheet HTML 1Page - National Semiconductor (TI) LM2591HV Datasheet HTML 2Page - National Semiconductor (TI) LM2591HV Datasheet HTML 3Page - National Semiconductor (TI) LM2591HV Datasheet HTML 4Page - National Semiconductor (TI) LM2591HV Datasheet HTML 5Page - National Semiconductor (TI) LM2591HV Datasheet HTML 6Page - National Semiconductor (TI) LM2591HV Datasheet HTML 7Page - National Semiconductor (TI) LM2591HV Datasheet HTML 8Page - National Semiconductor (TI) LM2591HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
All Output Voltage Versions
Electrical Characteristics (Continued)
Note 11: Junction to ambient thermal resistance (no external heat sink) for the package mounted TO-220 package mounted vertically, with the leads soldered to
a printed circuit board with (1 oz.) copper area of approximately 1 in2.
Note 12: Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit board with 0.5 in2 of (1 oz.) copper area.
Note 13: Junction to ambient thermal resistance with the TO-263 package tab soldered to a single sided printed circuit board with 2.5 in2 of (1 oz.) copper area.
Note 14: Junction to ambient thermal resistance with the TO-263 package tab soldered to a double sided printed circuit board with 3 in2 of (1 oz.) copper area on
the LM2591HVS side of the board, and approximately 16 in2 of copper on the other side of the p-c board. See application hints in this data sheet and the thermal
model in Switchers Made Simple available at http://power.national.com.
Typical Performance Characteristics (Circuit of Figure 1)
Normalized
Output Voltage
Line Regulation
10129302
10129303
Efficiency
Switch Saturation
Voltage
10129304
10129305
www.national.com
4


Similar Part No. - LM2591HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI-LM2591HV Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
LM2591HVS-12 UMW-LM2591HVS-12 Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-3.3 TI-LM2591HVS-3.3 Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Similar Description - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com