Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2591HV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2591HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2591HV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2591HV Datasheet HTML 1Page - National Semiconductor (TI) LM2591HV Datasheet HTML 2Page - National Semiconductor (TI) LM2591HV Datasheet HTML 3Page - National Semiconductor (TI) LM2591HV Datasheet HTML 4Page - National Semiconductor (TI) LM2591HV Datasheet HTML 5Page - National Semiconductor (TI) LM2591HV Datasheet HTML 6Page - National Semiconductor (TI) LM2591HV Datasheet HTML 7Page - National Semiconductor (TI) LM2591HV Datasheet HTML 8Page - National Semiconductor (TI) LM2591HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version. ILOAD = 500 mA
Symbol
Parameter
Conditions
LM2591HV-XX
Units
(Limits)
Typ
Limit
(Note 3)
(Note 4)
DEVICE PARAMETERS
I
b
Feedback Bias Current
Adjustable Version Only, V
FB = 1.3V
10
nA
50/100
nA (max)
f
O
Oscillator Frequency
(Note 6)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
V
SAT
Saturation Voltage
I
OUT = 1A (Note 7) (Note 8)
0.95
V
1.2/1.3
V(max)
DC
Max Duty Cycle (ON)
(Note 8)
100
%
Min Duty Cycle (OFF)
(Note 9)
0
I
CLIM
Switch current Limit
Peak Current, (Note 7) (Note 8)
1.9
A
1.3/1.2
A(min)
2.8/3.0
A(max)
I
L
Output Leakage Current
(Note 7) (Note 9) (Note 10)
Output = 0V
50
µA(max)
Output = −1V
5
mA
30
mA(max)
I
Q
Operating Quiescent
SD /SS Pin Open (Note 9)
5mA
Current
10
mA(max)
I
STBY
Standby Quiescent
SD /SS pin = 0V
(Note 10)
90
µA
Current
200/250
µA(max)
θ
JC
Thermal Resistance
TO220 or TO263 Package, Junction to Case
2
˚C/W
θ
JA
TO220 Package, Juncton to Ambient (Note 11)
50
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 12)
50
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 13)
30
˚C/W
θ
JA
TO263 Package, Juncton to Ambient (Note 14)
20
˚C/W
ON/OFF CONTROL Test Circuit Figure 1
ON /OFF Pin Logic Input
1.3
V
V
IH
Threshold Voltage
Low (Regulator ON)
0.6
V(max)
V
IL
High (Regulator OFF)
2.0
V(min)
I
H
ON /OFF Pin Input Current
V
LOGIC = 2.5V (Regulator OFF)
5
µA
15
µA(max)
I
L
V
LOGIC = 0.5V (Regulator ON)
0.02
µA
5
µA(max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k resistor into each pin.
Note 3: Typical numbers are at 25˚C and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
Note 5: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the
LM2591HV is used as shown in the Figure 1 test circuit, system performance will be as shown in system parameters section of Electrical Characteristics.
Note 6: The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the severity of current
overload.
Note 7: No diode, inductor or capacitor connected to output pin.
Note 8: Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
Note 9: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version to force the output transistor switch OFF.
Note 10: VIN = 60V.
www.national.com
3


Similar Part No. - LM2591HV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI-LM2591HV Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
LM2591HVS-12 UMW-LM2591HVS-12 Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-3.3 TI-LM2591HVS-3.3 Datasheet
3Mb / 29P
LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
More results

Similar Description - LM2591HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com