Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL60N100BNTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGL60N100BNTD
Description  NPT-Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL60N100BNTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGL60N100BNTD Datasheet HTML 1Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 2Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 3Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 4Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 5Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 6Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FGL60N100BNTD Rev. A
©2004 Fairchild Semiconductor Corporation
Fig 17. Junction capacitance
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
T
C = 25
T
C = 100
Forward Voltage, V
FM [V]
0
40
80
120
160
200
240
0.0
0.2
0.4
0.6
0.8
1.0
1.2
I
rr
t
rr
I
F=60A
T
C=25
di/dt [A/
]
0
20
40
60
80
100
120
10
20
30
40
50
60
0.4
0.6
0.8
1.0
1.2
I
rr
t
rr
Forward Current, I
F [A]
4
6
8
10
12
di/dt=-20A/㎲
T
C=25
0
300
600
900
1E-3
0.01
0.1
1
10
100
1000
T
C = 150℃
T
C= 25℃
Reverse Voltage, V
R [V]
0.1
1
10
100
0
50
100
150
200
250
T
C = 25
Reverse Voltage, V
R [V]
Fig 14. Reverse Recovery Characteristics
vs. di/dt
Fig 13. Forward Characteristics
Fig 15. Reverse Recovery Characteristics vs.
Forward Current
Fig 16. Reverse Current vs. Reverse Voltage


Similar Part No. - FGL60N100BNTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
FGL60N100BNTDTU FAIRCHILD-FGL60N100BNTDTU Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
More results

Similar Description - FGL60N100BNTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD135P NCEPOWER-NCE25GD135P Datasheet
328Kb / 8P
   1350V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com