Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL60N100BNTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FGL60N100BNTD
Description  NPT-Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL60N100BNTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FGL60N100BNTD Datasheet HTML 1Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 2Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 3Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 4Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 5Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 6Page - Fairchild Semiconductor FGL60N100BNTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FGL60N100BNTD Rev. A
©2004 Fairchild Semiconductor Corporation
012
345
0
20
40
60
80
100
20V
15V
10V
9V
8V
7V
V
GE = 6V
Common Emitter
T
C = 25
Collector-Emitter Voltage, V
CE [V]
01
2
3
4
0
10
20
30
40
50
60
70
80
90
T
C = 125
T
C = 25
Common Emitter
V
GE = 15V
T
C =
25℃━━
T
C = 125
------
Collector-Emitter Voltage, V
CE [V]
-50
0
50
100
150
1
2
3
I
C=10A
30A
60A
80A
Common Emitter
V
GE=15V
Case Temperature, T
C []
4
8
12
16
20
0
2
4
6
8
10
Common Emitter
T
C= - 40
OC
I
C=10A
80A
60A
30A
Gate-Emitter Voltage, V
GE [V]
4
8
12
16
20
0
2
4
6
8
10
Common Emitter
T
C = 25
80A
60A
30A
I
C = 10A
Gate-Emitter Voltage, V
GE [V]
4
8
12
16
20
0
2
4
6
8
10
Common Emitter
T
C = 125
80A
60A
30A
I
C = 10A
Gate-Emitter Voltage, V
GE [V]
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage Characteristics
Fig 4. Saturation Voltage vs. VGE
Fig 3. Saturation Voltage vs. Case
Temperature at Varient Current Level
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE


Similar Part No. - FGL60N100BNTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
FGL60N100BNTDTU FAIRCHILD-FGL60N100BNTDTU Datasheet
394Kb / 7P
   1000 V, 60 A NPT Trench IGBT
More results

Similar Description - FGL60N100BNTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
   1200V NPT TRENCH IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
   1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
   1200V NPT Trench IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
   1200V NPT Trench IGBT
logo
Fairchild Semiconductor
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
   1200V NPT Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
logo
Wuxi NCE Power Semicond...
NCE25GD120P NCEPOWER-NCE25GD120P Datasheet
328Kb / 8P
   1200V, 25A, Trench NPT IGBT
NCE25GD135P NCEPOWER-NCE25GD135P Datasheet
328Kb / 8P
   1350V, 25A, Trench NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com