Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0553.822NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PF0553.822NL
Description  SMT POWER INDUCTORS Shielded Drum Core
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0553.822NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PF0553.822NL Datasheet HTML 1Page - Pulse A Technitrol Company PF0553.822NL Datasheet HTML 2Page - Pulse A Technitrol Company PF0553.822NL Datasheet HTML 3Page - Pulse A Technitrol Company PF0553.822NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
43
SPM2007 (4/08)
SMT POWER INDUCTORS
Shielded Drum Core Series
Notes from Tables (pages 27 - 42)
1. Unless otherwise specified, all testing is made at
100kHz, 0.1VAC.
2. Optional Tape & Reel packaging can be ordered by
adding a "T" suffix to the part number (i.e. P1166.102NL
becomes P1166.102NLT). Pulse complies with industry
standard Tape and Tape & Reel specification EIA481.
3. The "NL" suffix indicates an RoHS-compliant part
number. Non-NL suffixed parts are not necessarily
RoHS compliant, but are electrically and mechanically
equivalent to NL versions. If a part number does not
have the "NL" suffix, but an RoHS compliant version is
required, please contact Pulse for availability.
4. Temperature of the component (ambient plus
temperature rise) must be within specified operating
temperature range.
5. The rated current (Irated) as listed is either the satura-
tion current or the heating current depending on which
value is lower.
6. The saturation current, Isat, is the current at which
the component inductance drops by the indicated
percentage (typical) at an ambient temperature of
25°C. This current is determined by placing the
component in the specified ambient environment and
applying a short duration pulse current (to eliminate
self-heating effects) to the component.
7. The heating current, Idc, is the DC current required
to raise the component temperature by the indicated
delta (approximately). The heating current is
determined by mounting the component on a
typical PCB and applying current for 30 minutes. The
temperature is measured by placing the thermocouple
on top of the unit under test.
8. In high volt*time (Et) or ripple current applications, addi-
tional heating in the component can occur due to core
losses in the inductor which may necessitate derating
the current in order to limit the temperature rise of the
component. In order to determine the approximate total
loss (or temperature rise) for a given application, both
copper losses and core losses should be taken into
account.
Estimated Temperature Rise:
Trise = [Total loss (mW) / K0].833 (oC )
Total loss = Copper loss + Core loss (mW)
Copper loss = IRMS2 x DCR (Typical) (mW)
Irms = [IDC2 +
ΔI2/12]1/2 (A)
Core loss = K1 x f (kHz)1.23 x Bac(Ga)2.38 (mW)
Bac (peak to peak flux density) = K2 x
ΔI (Ga)
[= K2/L(µH) x Et(V-µSec) (Ga)]
where f varies between 25kHz and 1MHz, and Bac is
less than 2500 Gauss.
K2 is a core size and winding dependant value and
is given for each p/n in the proceeding datasheets.
K0 & K1 are platform and material dependant constants
and are given in the table below for each platform.
PG0085
2.3
5.29E-10
PG0087
5.8
15.2E-10
PG0040/41
0.8
2.80E-10
P1174
0.8
6.47E-10
PF0601
4.6
14.0E-10
PF0464
3.6
24.7E-10
PF0465
3.6
33.4E-10
P1166
1.9
29.6E-10
P1167
2.1
42.2E-10
PF0560NL
5.5
136E-10
P1168/69
4.8
184E-10
P1170/71
4.3
201E-10
P1172/73
5.6
411E-10
PF0552NL
8.3
201E-10
PF0553NL
7.1
411E-10
Part No.
Trise Factor
Core Loss Factor
(K0 )
(K1)
Take note that the component's temperature rise varies depending on the system condition. It is suggested that the
component be tested at the system level, to verify the temperature rise of the component during system operation.
CoreLoss/K1 Vs Flux Density
0
0.50E+10
1.00E+10
1.50E+10
2.00E+10
2.50E+10
3.00E+10
0
500
1000
1500
2000
2500
DB (Gauss)
where DB = K2 x DI [= K2/L(µH) x Et(V-µSec)]
100KHz
200KHz
300KHz
400KHz
500KHz
700KHz
1.0MHz


Similar Part No. - PF0553.822NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0553.822NL PULSE-PF0553.822NL Datasheet
320Kb / 4P
   Shielded Drum Core
More results

Similar Description - PF0553.822NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
P1167.183NLT PULSE-P1167.183NLT Datasheet
245Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1167NL Series
SPM2007 PULSE-SPM2007_27 Datasheet
227Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1172NL/P1173NL Series
P1169.105NLT PULSE-P1169.105NLT Datasheet
190Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - P1168NL/P1169NL Series
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
logo
Pulse A Technitrol Comp...
PG0063 PULSE-PG0063 Datasheet
78Kb / 2P
   SMT POWER INDUCTORS UNSHIELDED DRUM CORE
logo
Eaton All Rights Reserv...
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
   Shielded metalized drum core power inductors
logo
Pulse A Technitrol Comp...
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
logo
Eaton All Rights Reserv...
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
   Low profile shielded drum core power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com