Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4306.102NLT Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA4306.102NLT
Description  Unshielded Drum Core Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4306.102NLT Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA4306.102NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4306.102NLT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P756.B (08/15)
4
pulseelectronics.com
Unshielded Drum Core Inductor
PA4306.XXXNL, PA4307.XXXNL & PA4308.XXXNL Series
Pulse Jack
E l e c t r o n i c s
Mechanical
PA43XX.XXXNLT
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzhen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2015. Pulse Electronics, Inc. All rights reserved.
Weight ......................0.266 grams (PA4306)
.......................0.314 grams (PA4307)
.......................0.44 grams (PA4308)
Tape & Reel ..................1000/reel
PA4306.XXXNLT -C Dimension is 3.1mm Max
PA4307.XXXNLT –C Dimension is 3.5mm Max
PA4308.XXXNLT –C Dimenison is 4.8mmMax
C
7.3MAX
7.3MAX
[2.0]
[4.0]
[1.5]
[2.4]
[1.8]
[1.8]
[3.8]
7.3mm Max
(2.0)
(7.0)
(2.4)
(1.8)
(1.8)
(3.0)
(4.0)
C
7.3mm Max


Similar Part No. - PA4306.102NLT

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PA4306 POWEREX-PA4306 Datasheet
103Kb / 5P
POW-R-BLOK AC Switch SCR Isolated Module (1330 Amps RMS, Up to 2400 Volts)
logo
Pulse A Technitrol Comp...
PA4306 PULSE-PA4306 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PA4306.102NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
Unshielded Drum Core
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
Unshielded Drum Core Inductor
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
Unshielded Drum Core - PF0580NL Series
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
Unshielded Drum Core ??PG0016NL Series
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
SMT UNSHIELDED DRUM CORE INDUCTORS
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
Unshielded Drum Core
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com