Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCLVP111-EP Datasheet HTML 11Page - Texas Instruments CDCLVP111-EP Datasheet HTML 12Page - Texas Instruments CDCLVP111-EP Datasheet HTML 13Page - Texas Instruments CDCLVP111-EP Datasheet HTML 14Page - Texas Instruments CDCLVP111-EP Datasheet HTML 15Page - Texas Instruments CDCLVP111-EP Datasheet HTML 16Page - Texas Instruments CDCLVP111-EP Datasheet HTML 17Page - Texas Instruments CDCLVP111-EP Datasheet HTML 18Page - Texas Instruments CDCLVP111-EP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LVPECL
V
CC
V
CC
130
82
130
82
Copyright © 2016, Texas Instruments Incorporated
CDCLVP111-SP
LVPECL
VCC
VCC
250
62.5
250
62.5
Copyright © 2016, Texas Instruments Incorporated
CDCLVP111-SP
LVDS
100
Copyright © 2016, Texas Instruments Incorporated
CDCLVP111-SP
15
CDCLVP111-SP
www.ti.com
SCAS946 – NOVEMBER 2016
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 9 shows how to DC couple LVDS inputs to the CDCLVP111-SP. Figure 10 and Figure 11 describe the
method of DC coupling LVPECL inputs to the CDCLVP111-SP for VCC = 2.5 V and VCC = 3.3 V, respectively.
Figure 9. DC-Coupled LVDS Inputs to CDCLVP111-SP
Figure 10. DC-Coupled LVPECL Inputs to CDCLVP111-SP (VCC = 2.5 V)
Figure 11. DC-Coupled LVPECL Inputs to CDCLVP111-SP (VCC = 3.3 V)


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com