Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments CDCLVP111-EP Datasheet HTML 10Page - Texas Instruments CDCLVP111-EP Datasheet HTML 11Page - Texas Instruments CDCLVP111-EP Datasheet HTML 12Page - Texas Instruments CDCLVP111-EP Datasheet HTML 13Page - Texas Instruments CDCLVP111-EP Datasheet HTML 14Page - Texas Instruments CDCLVP111-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
CDCLVP111-SP
www.ti.com
SCAS946 – NOVEMBER 2016
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The CDCLVP111-SP is a low-additive jitter LVPECL fanout buffer that can generate 5 copies of 2 selectable
LVDS, CML or SSTL inputs. The CDCLVP111-SP can accept reference clock frequencies up to 3.5 GHz while
providing low-output skew.
8.2 Typical Application
8.2.1 Fanout Buffer for Line Card Application
Figure 5. CDCLVP111-SP Block Diagram


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com