Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments CDCLVP111-EP Datasheet HTML 10Page - Texas Instruments CDCLVP111-EP Datasheet HTML 11Page - Texas Instruments CDCLVP111-EP Datasheet HTML 12Page - Texas Instruments CDCLVP111-EP Datasheet HTML 13Page - Texas Instruments CDCLVP111-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
CDCLVP111-SP
SCAS946 – NOVEMBER 2016
www.ti.com
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4 Device Functional Modes
Select input terminal by CLK_SEL pin.
Table 1. Function Table
CLK_SEL
ACTIVE CLOCK INPUT
0
CLK0, CLK0
1
CLK1, CLK1
The two inputs of the CDCLVP111-SP are internally mixed together and can be selected through the control pin.
Unused inputs and outputs can be left floating to reduce overall component cost. Both AC and DC coupling
schemes can be used with the CDCLVP111-SP to provide greater system flexibility.


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
[Old version datasheet]   Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
   1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
   1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com