Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP111-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP111-EP
Description  Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP111-EP Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP111-EP Datasheet HTML 1Page - Texas Instruments CDCLVP111-EP Datasheet HTML 2Page - Texas Instruments CDCLVP111-EP Datasheet HTML 3Page - Texas Instruments CDCLVP111-EP Datasheet HTML 4Page - Texas Instruments CDCLVP111-EP Datasheet HTML 5Page - Texas Instruments CDCLVP111-EP Datasheet HTML 6Page - Texas Instruments CDCLVP111-EP Datasheet HTML 7Page - Texas Instruments CDCLVP111-EP Datasheet HTML 8Page - Texas Instruments CDCLVP111-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
28
VCC
18
VCC
29
Q2
17
VCC
30
Q2
16
Q7
31
Q1
15
Q7
32
Q1
14
Q8
33
Q0
13
Q8
34
Q0
12
Q9
35
VCC
11
Q9
36
VCC
10
VCC
Not to scale
3
CDCLVP111-SP
www.ti.com
SCAS946 – NOVEMBER 2016
Product Folder Links: CDCLVP111-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
CLKn, CLK_SEL pull down resistor = 75 k
Ω; CLKn pull up resistor = 37.5 kΩ; CLKn pull down resistor = 50 kΩ.
5 Pin Configuration and Functions
HFG Package
36-Pin CFP
Top View
Pin Functions(1)
PIN
TYPE
DESCRIPTION
NAME
NO.
CLK_SEL
2
Input
Clock select. Used to select between CLK0 and CLK1 input pairs. LVTTL/LVCMOS
functionality compatible.
CLK0, CLK0
3, 4
Input
Differential LVECL/LVPECL input pair.
CLK1, CLK1
6, 7
Input
Q[9:0]
12, 14, 16, 20, 22,
24, 26, 30, 32, 34
Output
LVECL/LVPECL clock outputs, these outputs provide low-skew copies of CLKn.
Q[9:0]
11, 13, 15, 19, 21,
23, 25, 29, 31, 33
Output
LVECL/LVPECL complementary clock outputs, these outputs provide copies of CLKn.
VBB
5
Power
Reference voltage output for single-ended input operation.
VCC
1, 9, 10, 17, 18, 27,
28, 35, 36
Power
Supply voltage.
VEE
8
Power
Device ground or negative supply voltage in ECL mode.


Similar Part No. - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI2-CDCLVP111-EP Datasheet
993Kb / 24P
CDCLVP111-SP Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
REVISED MARCH 2025
More results

Similar Description - CDCLVP111-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com