Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ5FCWFP-E2 Datasheet(PDF) 32 Page - Rohm

Part # BJ5FCWFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BJ5FCWFP-E2 Datasheet(HTML) 32 Page - Rohm

Back Button BJ5FCWFP-E2 Datasheet HTML 28Page - Rohm BJ5FCWFP-E2 Datasheet HTML 29Page - Rohm BJ5FCWFP-E2 Datasheet HTML 30Page - Rohm BJ5FCWFP-E2 Datasheet HTML 31Page - Rohm BJ5FCWFP-E2 Datasheet HTML 32Page - Rohm BJ5FCWFP-E2 Datasheet HTML 33Page - Rohm BJ5FCWFP-E2 Datasheet HTML 34Page - Rohm BJ5FCWFP-E2 Datasheet HTML 35Page - Rohm BJ5FCWFP-E2 Datasheet HTML 36Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32/38
BDxxFC0 series
Datasheet
Datasheet
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
Operation Note 11 Measurement circuit (BD00FC0W)
12. EN pin
Do not make the voltage level of the chip’s enable pin at floating level or in between VEN(High) and VEN(Low). Otherwise,
the output voltage would be unstable or indefinite.
13. For a steep change of the Vcc voltage
Because MOSFET for output Transistor is used when an input voltage change is very steep, it may evoke large current.
When selecting the value of external circuit constants, please make sure that the operation on the actual application
takes these conditions into account.
14. For infinitesimal fluctuations of output voltage.
For applications that have infinitesimal fluctuations of the output voltage caused by some factors (e.g. disturbance noise,
input voltage fluctuations, load fluctuations, etc.), please take enough measures to avoid some influence (e.g. insert a
filter, etc.).
15. Over current protection circuit (OCP)
The IC incorporates an integrated over-current protection circuit that operates in accordance with the rated output
capacity. This circuit serves to protect the IC from damage when the load becomes shorted. It is also designed to limit
output current (without latching) in the event of a large and instantaneous current flow from a large capacitor or other
component. These protection circuits are effective in preventing damage due to sudden and unexpected accidents.
However, the IC should not be used in applications characterized by the continuous or transitive operation of the
protection circuits.
16. Thermal Shutdown circuit (TSD)
The IC incorporates a built-in thermal shutdown circuit, which is designed to turn the IC off, completely, in the event of
thermal overload. It is not designed to protect the IC from damage or guarantee its operation. IC’s should not be used
after this function has activated, or in applications where the operation of this circuit is assumed.
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1000
Io(mA)
Unstable operating region
Stable operating region
4.0V ≤ Vcc ≤ 26.5V
1.0V ≤ Vo < 3.0V
(Cout and Ceramic capacitor 10µF is connected in
parallel.)
-25°C ≤ Ta ≤ +85°C
5kΩ ≤ R1 ≤ 10kΩ (BD00FC0W)
2.2µF ≤ Cin ≤ 100µF
1µF ≤ Cout ≤ 100µF
4.0V ≤ Vcc ≤ 26.5V
1.0V ≤ Vo < 3.0V
(Cout and Ceramic capacitor 10µF is connected in parallel.)
-25°C ≤ Ta ≤ +85°C
0A ≤ Io ≤ 1A
5kΩ≤ R1 ≤ 10kΩ (BD00FC0W)
Cout_ESR vs Io
1.0V ≤ Vo < 3.0V
Cout and Ceramic capacitor 10µF is
connected in parallel.
(Reference data)
Cin vs Cout
1.0V ≤ Vo < 3.0V
Cout and Ceramic capacitor 10µF is
connected in parallel.
(Reference data)
Vcc
EN
GND
FB
Vo
Cin
(1µF or higher)
VEN
(5.0V)
VCC
(4.0V to 26.5V)
R1
(5k to 10kΩ)
R2
Output
load
Io(Rout)
Cout
(1µF
or higher)
ESR
(0.001Ω
or higher)
10µF
1
10
100
110
100
Cout(µF)
Stable operating region
2.2
Unstable
operating region


Similar Part No. - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ5F-71GF-M6.5 ETC2-BJ5F-71GF-M6.5 Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com