Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ5FCWFP-E2 Datasheet(PDF) 29 Page - Rohm

Part # BJ5FCWFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BJ5FCWFP-E2 Datasheet(HTML) 29 Page - Rohm

Back Button BJ5FCWFP-E2 Datasheet HTML 25Page - Rohm BJ5FCWFP-E2 Datasheet HTML 26Page - Rohm BJ5FCWFP-E2 Datasheet HTML 27Page - Rohm BJ5FCWFP-E2 Datasheet HTML 28Page - Rohm BJ5FCWFP-E2 Datasheet HTML 29Page - Rohm BJ5FCWFP-E2 Datasheet HTML 30Page - Rohm BJ5FCWFP-E2 Datasheet HTML 31Page - Rohm BJ5FCWFP-E2 Datasheet HTML 32Page - Rohm BJ5FCWFP-E2 Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29/38
BDxxFC0 series
Datasheet
Datasheet
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●I/O equivalent circuit
●Output Voltage Configuration Method (BD00FC0)
Please connect resistors R1 and R2 (which determines the output voltage) as shown in Figure 77.
Please be aware that the offset, due to the current that flows from the FB terminal, becomes large when resistors with large
values are used. Resistance values ranging from R2=5kΩ to 10kΩ is recommended.
VOUT setting equation is,
VOUT≒VFB×(R1+R2)/R2
Thoroughly check the constant settings on the application because
circuit current increases depending on connected resistor.
Resistance value of R2 is from 5kΩ to 10kΩ.
Determine R1 by adjusting with R2.
Figure 77.
Vcc Terminal
EN Terminal
Vo Terminal BD30/33/50/60/70/80/90/J0/J2/J5FC0(W)
R1 (kΩ)
(Typ)
R2 (kΩ)
(Typ)
R3 (kΩ)
(Typ)
BD30FC0(W)
10
30.3
15
BD33FC0(W)
34
BD50FC0(W)
56.6
BD60FC0(W)
83.5
BD50FC0(W)
61.7
BD80C0A(W)
5
48.3
20
BD90C0A(W)
55
BDJ0C0A(W)
5
61.7
15
BDJ2C0A(W)
75
BDJ5C0A(W)
4
76.1
BD00FC0W
Vo Terminal
FB Terminal
Figure 76.
IC
FB pin
VO
R1
R2
VFB≒0.75V
(TYP)
Vcc
IC
Vcc
Vo
R3
R2
R1
Vcc
Vo
15kΩ
(Typ)
EN
200kΩ
200kΩ
1kΩ
FB


Similar Part No. - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ5F-71GF-M6.5 ETC2-BJ5F-71GF-M6.5 Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com