Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BJ5FCWFP-E2 Datasheet(PDF) 13 Page - Rohm

Part # BJ5FCWFP-E2
Description  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BJ5FCWFP-E2 Datasheet(HTML) 13 Page - Rohm

Back Button BJ5FCWFP-E2 Datasheet HTML 9Page - Rohm BJ5FCWFP-E2 Datasheet HTML 10Page - Rohm BJ5FCWFP-E2 Datasheet HTML 11Page - Rohm BJ5FCWFP-E2 Datasheet HTML 12Page - Rohm BJ5FCWFP-E2 Datasheet HTML 13Page - Rohm BJ5FCWFP-E2 Datasheet HTML 14Page - Rohm BJ5FCWFP-E2 Datasheet HTML 15Page - Rohm BJ5FCWFP-E2 Datasheet HTML 16Page - Rohm BJ5FCWFP-E2 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Datasheet
Datasheet
13/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Measurement setup for reference data
BD00FC0 series(5.0V Output Setting)
Measurement setup for Figure 12
Measurement setup for Figure 13
Measurement setup for Figure 14
Measurement setup for Figure 15
Measurement setup for Figure 16
Measurement setup for Figure 17
Measurement setup for Figure 18
Measurement setup for Figure 19
Measurement setup for Figure 20
Measurement setup for Figure 21
Measurement setup for Figure 22
Measurement setup for Figure 23
5V
Vcc
EN
GND
FB
Vo
1µF
1µF
56.7kΩ
10kΩ
13.5V
IFEEDBACK_R


Similar Part No. - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ5F-71GF-M6.5 ETC2-BJ5F-71GF-M6.5 Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results

Similar Description - BJ5FCWFP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com