Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 21 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 21 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies E1968A Datasheet HTML 21Page - Keysight Technologies E1968A Datasheet HTML 22Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
GSM multi-tone audio
Downlink audio measurement mode
Test set generates a multi-tone audio signal and encodes it into speech
frames sent on the downlink traffic channel; the MS decodes the received
speech frames and provides and audio output via a speaker connected to
the test set’s AUDIO IN port.
Applicable specifications GSM analog audio measurement
specifications apply to measured results
Analyzer downlink
reference level
Settable between 100 mV and 5 V
Multi-tone audio
generator downlink
levels
Total level settable between 0 and 70 percent
of 0 dB reference or 1 to 20 levels are settable
between 0 and 70 percent of 0 dB reference,
where the total level of all tones must be < 70
percent of 0 dB reference
Expected AUDIO IN peak
voltage
Settable between 1 mV and 20 V peak
Uplink audio measurement mode
Test set generates a multi-tone audio signal out of the AUDIO OUT port
connected to the MS’s microphone; the MS encodes the tones into speech
frames on the uplink traffic channel and the test set decodes the received
speech frames.
Applicable specifications Audio generator specifications apply to multi-
tone audio signal at the AUDIO OUT port, GSM
decoded audio level measurement
specifications apply to measured results
Analyzer uplink
reference level
Settable between 1 and 100 percent of 0 dB
reference
Multi-tone audio
generator uplink levels
Total level settable between 0 and 4.5 V rms, or
1 to 20 levels are settable between 0 and 4.5 V
rms, where the total level of all tones must be
< 4.5 V rms
Both measurement modes
Analyzer 0 dB reference
mode
Absolute or relative
Analyzer reference tone Settable between 1 and 20 Hz
Device settling time
Settable between 20 ms and 1 s
SINAD/distortion (on
audio tone 1) state
On or off
Multi-tone audio
generator frequencies
1 to 20 frequencies are settable between 10 Hz
and 4 kHz or off, 7 preset states are selectable
as multi-tone 140, multi-tone 100, single tone
300 Hz, single tone 1 kHz, single tone 3 kHz, all
tones off, and none
Multi-tone audio
analyzer frequencies
Use multi-tone audio generator frequencies or
1 to 20 frequencies are settable between 10 Hz
and 4 kHz
Multi-tone audio level
limits
Upper and lower limits are settable between
± 100 dB for 1 to 20 audio tones
Numerical results
Audio level, frequency, SINAD, distortion, total
generator audio level, total measurement audio
level, measurement mode, 0 dB reference
Graphical results
Level and frequency of each audio tone with
limits, settable marker and axes
Timebase specifications
Internal high-stability 10 MHz oven-controlled
crystal oscillator (OCXO)
Aging rates
< ± 0.1 ppm per year, < ± 0.005 ppm peak-
to-peak per day during any 24-hour period
starting 24 hours or more after a cold start
Temperature stability
< ± 0.01 ppm frequency variation from +25 °C
over the temperature range 0 to +55 °C
Warm-up times
5 minutes to be within ± 0.1 ppm of frequency
at one hour, 15 minutes to be within ± 0.01 ppm
of frequency at one hour
Supplemental characteristics
Typical accuracy after
a 30-minute warm-up
period of continuous
operation is derived from
± [(time since last calibration) x (aging rate)
+ (temperature stability) + (accuracy of
calibration)]
Typical initial adjustment ± 0.03 ppm
External reference input
Input frequency
10 MHz
Supplemental characteristics
Input frequency range
< ± 5 ppm of nominal reference frequency
Input level range
0 to +13 dBm
Input impedance
50 Ω nominal
External reference output
Output frequency
Same as timebase (internal 10 MHz OCXO or
external reference input)
Supplemental characteristics
Typical output level
≥ 0.5 V rms
Output impedance
50 Ω nominal
Remote programming
GPIB
IEEE standard 488.2
Remote front panel
lockout
Allows remote user to disable the front panel
display to improve GPIB measurement speed
Functions implemented
T6, TE0, L4, LE0, SH1, AH1, RL1, SR1, PP0,
DC1, DT0, C0, E2
Test Subscriber Identification Module
(SIM) Cards
Test SIM cards are available for purchase from Keysight
Technologies, Inc. Two types are available as follows
– Programmed GSM SIM card micro-size:
Fits most current wireless devices (about 15 x 25 mm), part
number 08922-61887
– Programmed UMTS SIM card micro-size:
Fits most current wireless devices (about 15 x 25 mm), part
number E5515-61286
Ordering Information
For current ordering information, please refer to the configuration
guide, literature number 5968-7873E, on the Web at
www.keysight.com/find/8960
For more information on ordering test SIM cards, visit the
Keysight site at
www.parts.keysight.com


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com