Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 20 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 20 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies E1968A Datasheet HTML 21Page - Keysight Technologies E1968A Datasheet HTML 22Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
GSM analog audio distortion measurement
Types of signals
measured
Sinusoidal audio signals
Measurement frequency
range
100 Hz to 10 kHz
AUDIO IN level range
42.4 mV to 20 V peak (30 mV to 14.1 V rms)
Measurement accuracy
< ± 12 percent of reading (± 1.0 dB) for
distortion > 0.67 percent
Residual THD plus noise < –60 dB or 200 μV rms, whichever is greater
Measurement trigger
source
Immediate
Measurement
synchronization
None required
Numerical result
Audio distortion
Multi-measurement
capabilities
1 to 999 measurements; average, minimum,
maximum, and standard deviation results
Concurrency capabilities GSM analog audio distortion measurements
cannot be made concurrently with GSM multi-
tone audio, but can be made concurrently with
all other measurements
Supplemental characteristics
Measurement resolution 0.1 percent
GSM analog audio SINAD measurement
Types of signals
measured
Sinusoidal audio signals
Measurement frequency
range
100 Hz to 10 kHz
AUDIO IN level range
42.4 mV to 20 V peak (30 mV to 14.1 V rms)
Measurement accuracy
< ± 1.0 dB for SINAD < 43.5 dB
Residual THD plus noise < –60 dB or 200 μV rms, whichever is greater
Measurement trigger
source
Immediate
Measurement
synchronization
None required
Numerical result
SINAD ratio
Multi-measurement
capabilities
1 to 999 measurements; average, minimum,
maximum, and standard deviation results
Concurrency
capabilities
GSM analog audio SINAD measurements
cannot be made concurrently with GSM multi-
tone audio, but can be made concurrently with
all other measurements
Supplemental characteristics
Measurement resolution 0.1 dB
GSM analog audio frequency measurement
Types of signals
measured
Sinusoidal audio signals
Measurement frequency
range
100 Hz to 15 kHz
AUDIO IN level range
7.1 mV to 20 V peak (5 mV to 14.1 V rms)
AUDIO IN signal
conditions
Signal at test set’s AUDIO IN must have signal-
to-noise ratio > 30 dB for warranted perfor-
mance
Measurement accuracy
< 0.1 Hz averaged over 10 measurements,
< 1.0 Hz for a single measurement
Measurement THD plus
noise
< 200 μV rms
Measurement trigger
source
Immediate
Measurement
synchronization
None required
Numerical result
Audio frequency
Multi-measurement
capabilities
1 to 999 measurements; average, minimum,
maximum, and standard deviation results
Concurrency capabilities GSM analog audio frequency measurements
cannot be made concurrently with GSM multi-
tone audio, but can be made concurrently with
all other measurements
Supplemental characteristics
Measurement resolution 0.1 Hz


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com