Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 19 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 19 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies E1968A Datasheet HTML 21Page - Keysight Technologies E1968A Datasheet HTML 22Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Audio generator specifications
Frequency
Operating range
100 Hz to 20 kHz
Accuracy
Same as timebase reference
Supplemental characteristics
Typical operating range
1 Hz to 20 kHz
Frequency resolution
0.1 Hz
GSM analog audio level measurement
Types of signals
measured
Sinusoidal audio signals
Measurement frequency
range
100 Hz to 15 kHz
AUDIO IN level range
7.1 mV to 20 V peak (5 mV to 14.1 V rms)
Measurement accuracy
< ± (2 percent of reading + resolution) for
100 Hz to ≤ 8 kHz
< ± (3 percent of reading + resolution) for
> 8 to 20 kHz
Measurement THD plus
noise
< 200 μV rms
Measurement detectors rms or peak
Measurement trigger
source
Immediate
Measurement
synchronization
None required
Numerical result
Audio level
Multi-measurement
capabilities
1 to 999 measurements; average, minimum,
maximum, and standard deviation results
Concurrency capabilities GSM analog audio level measurements cannot
be made concurrently with GSM multi-tone
audio, but can be made concurrently with all
other measurements
Supplemental characteristics
Typical measurement
accuracy
< ± 1.2 percent of reading for 100 Hz to ≤ 8 kHz
and 20 mV to 20 V peak
Typical external input
impedance
100 k Ω in parallel with 105 pF
Measurement resolution 0.3 percent of expected level setting or 0.2 mV,
whichever is greater
Output level from AUDIO OUT connector
Ranges
0 to 1 V peak, 1 to 9 V peak (into ≥ 600 Ω)
Accuracy
< ± (1.5% of setting + resolution) when output
is DC coupled
Distortion
< 0.1 percent for 0.2 to 9 V peak into ≥ 600 Ω
Pulse mode
Pulsed audio signal at a 10 Hz rate with 50
percent duty cycle, selectable as on or off
(for use with the GSM decoded audio level
measurement)
Coupling mode
Selectable as DC or AC (5 μF in series with
output)
Supplemental characteristics
Typical maximum output
current
100 mA peak into 8 Ω
Typical output
impedance
< 1.5 Ω at 1 kHz when output is DC coupled
Typical DC offset (when
output is DC coupled)
< 1 mV for 0 to 1 V peak output, < 10 mV peak
for 1 to 9 V peak output
Output level resolution
< 0.5 mV for 0 to 1 V peak output
< 5.0 mV for 1 to 9 V peak output
GSM analog audio measurement specifications
All analog audio measurement specifications apply to signals present at
test set’s AUDIO IN ports.
De-emphasis
750 μs de-emphasis selectable as off or on
Expandor
Selectable as off or on with reference level
setting of 10 mV to 10 V
Filters
None, C-message, 50 Hz to 15 kHz band pass,
300 Hz to 15 kHz band pass, or 100 Hz
bandwidth tunable band pass, tunable over
300 Hz to 15 kHz


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com