Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 18 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 18 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies E1968A Datasheet HTML 21Page - Keysight Technologies E1968A Datasheet HTML 22Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
General-purpose spectrum monitor
Operating modes
Active cell and test mode
Measurement modes
Swept mode or zero span
Frequency ranges
Although the spectrum monitor is available at
any frequency supported by the test set, spec-
ifications apply only inside of the calibrated
bands: 450 to 496 MHz, 700 to 800 MHz, 810
to 960 MHz, and 1.7 to 1.99 GHz
Frequency spans,
resolution bandwidth,
displayed dynamic
ranges
Coupled, with the following combinations
available
Displayed average noise
level
< –90 dBm for reference level of –40 dBm and
30 kHz bandwidth
Typical residual
responses
< –70 dB with input terminated, reference level
of –10 dBm and RF generator power < –80 dBm
Typical spurious
responses
< –50 dBc with expected frequency tuned to
carrier, carrier > 420 MHz, signal and reference
level at –10 dBm and all spectral components
within 100 MHz of carrier
Frequency resolution
1 Hz
Marker amplitude
resolution
0.01 dB
RBW filter types
Flattop in swept mode, Gaussian in zero span
Zero span sweep time
Settable from 50 μs to 70 ms
Zero span offset time
Settable from 0 to 10 s
Reference level range
Settable from –50 to +37 dBm, or automatically
determined
Amplitude scaling
Settable from 0.1 to 20 dB/division in 0.1 dB
steps
Trigger source
Immediate, protocol, RF rise, external, auto
Trigger delay
Settable between ± 50 ms
Peak threshold
Settable from –120 to +37 dBm
Peak excursion
Settable between 1.2 to 100 dB
Trace functions
Clear write, max hold, min hold
Detector type
Peak or sample
Averaging capabilities
Settable between 1 and 999, or off
Marker functions
Three independent markers with modes of
normal, data, and off; operations are peak
search, marker to expected power, and marker
to expected frequency
Concurrency capabilities Spectrum monitor analysis can be performed
concurrently with all measurements
Span
RBW
Displayed dynamic range
100 MHz
5 MHz
50 dB
80 MHz
1 MHz
55 dB
40 MHz
300 kHz
60 dB
20 MHz
100 kHz
65 dB
12 MHz
100 kHz
65 dB
10 MHz
100 kHz
65 dB
5 MHz
30 kHz
70 dB
4 MHz
30 kHz
70 dB
2.5 MHz
10 kHz
75 dB
1.25 MHz
3 kHz
80 dB
500 kHz
1 kHz
80 dB
125 kHz
300 Hz
80 dB
0
1 MHz
55 dB
0
300 kHz
60 dB
0
100 kHz
65 dB
Supplemental characteristics
Typical level accuracy:
– < ± 2 dB for signals within 50 dB of a reference level
≥ –10 dBm and RBW < 5 MHz
– < ± 2 dB for signals within 30 dB of a reference level
< –10 dBm and RBW = 5 MHz using 5 averages
– < ± 3.5 dB for signals > –70 dBm and within 50 dB of a
reference level < –10 dBm with RBW < 5 MHz
GSM decoded audio level measurement
The MS needs to be stimulated with a pulsed audio signal at a
10 Hz rate with 50 percent duty cycle for the decoded audio level
measurement to provide accurate results.
Types of signals
measured
Encoded audio present on uplink TCH
Measurement range
200 Hz to 3.6 kHz
Measurement accuracy
Observed inaccuracies are due to MS encoder
errors since the algorithm in the test set
contributes no bit errors
Band pass filter
capabilities
100 Hz bandwidth, tunable from 200 Hz to
3.6 kHz, selectable as on or off
Measurement trigger
source
Immediate
Measurement
synchronization
None required
Numerical result
rms audio level
Multi-measurement
capabilities
1 to 999 measurements; average, minimum,
maximum, and standard deviation results
Concurrency capabilities GSM decoded audio level measurements
cannot be made concurrently with GSM BER
or GSM FBER measurements; GSM decoded
audio level measurements can be made con-
currently with all other measurements
Supplemental characteristics
Measurement resolution 0.01 percent


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com