Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 17 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 17 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies E1968A Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Phase and amplitude versus time (PAvT)
measurement
Optional PAvT measurement, requires separate license, orderable
as part number E1968A-410.
All specifications for the PAvT measurement are valid between
+20 and +55 °C.
Types of signals
measured
CW only – discrete amplitude step waveform or
continuous ramp waveform
Waveform type
Discrete or continuous
Trigger sources
RF rise, immediate, external
Trigger delay
Settable between 0 to 10 ms
Trigger threshold
Settable between 0 to 30 dB
Measurement timeout
Settable between 0.1 to 999.9 s
Continuous
measurement count
Settable between 1 to 5000
Continuous
measurement delay
Settable between 0 to 500 ms
Discrete step width
Settable between 0.1 to 400 ms
Discrete step count
Settable between 1 to 512
Discrete step center
Settable between 0.05 to 399.95 ms
Concurrency capabilities PAvT measurements cannot be made
concurrently with any other measurements
Fast device tune (FDT) measurement
Optional FDT measurement requires separate license, orderable
as part number E1999A-202.
All specifications for the FDT measurement are valid for the
frequency ranges 450 to 496 MHz, 740 to 960 MHz, and 1700 to
1990 MHz.
FDT transmit power measurement specifications
Input signal conditions
First slot has to be the highest burst, and
power level of first timeslot has to be within ± 3
dB of expected power
Multislot signal
measurement capability
Measurement of up to seven timeslots
Minimum input level
For warranted performance, the signal at the
test set’s RF IN/OUT must have transmit power
> –14 dBm for first timeslot, and ≥ –25 dBm for
second to seventh timeslot
Measurement accuracy for FDT GMSK transmit
power at RF IN/OUT port between +20 and
+55 °C
Accuracy (dBm)
Ranges
< ± 0.85
700 to 800
810 to 960
< ± 0.87
450 to 496
1700 to 1990
FDT (downlink) generator specifications
FDT absolute output level accuracy with GMSK modulation on:
Specification
Ranges
< ± 2.10 dB
Single slot from –110 to –13 dBm
< ± 2.10 dB
1 multislot level between –110 and –13 dBm
< ± 2.50 dB
2 multislot levels ≤ 20 dB apart
Peak phase error
< ± 5 degrees
Frequency error
< ± 0.02 ppm plus timebase reference
Typical burst modulation
on/off ratio (referenced
to lowest signal level)
> 50 dB
Typical RMS phase error < 0.9 degree
Supplemental characteristics
Typical FDT absolute output level accuracy with GMSK
modulation on:
Specification
Ranges
< ± 1.40 dB
Single slot from –110 to –13 dBm
< ± 1.40 dB
1 multislot level between –110 and –13 dBm
< ± 1.70 dB
2 multislot levels ≤ 20 dB apart
Frequency capture range Signal must be within ± 70 kHz of test set’s
expected frequency for warranted performance
VSWR at RF IN/OUT
< 1.14 : 1 for 450 to 496 MHz and 700 to
960 MHz, < 1.2 : 1 for 1.7 to 1.99 GHz
Trigger sources
Fixed as protocol trigger (RF rising trigger for
the first step)
Trigger delay
± 2.31 ms
Concurrency capabilities Fast device tune measurements cannot be
made concurrently with other measurements
Supplemental characteristics
Typical measurement accuracy for FDT GMSK transmit power at
RF IN/OUT port between +20 and +55 °C:
Accuracy (dBm)
Frequency (MHz)
< ± 1.40
700 to 800
810 to 960
< ± 0.41
450 to 496
1700 to 1990
Typical measurement
repeatability
< ± 0.05 dB
Measurement resolution 0.01 dB


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com