Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 16 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 16 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies E1968A Datasheet HTML 20Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Burst timing error measurement
Burst timing error measurement result is available on call setup screen.
Types of signals
measured
Normal GMSK or 8PSK bursts, RACH bursts for
a single uplink timeslot only
Measurement capture
range
Signal must be within ± 3 T (bit periods) of test
set’s expected position
Minimum input level
Signal at test set’s RF IN/OUT must have
transmit power ≥ –30 dBm and ≤ 20 dB
difference in levels of adjacent timeslots
Numerical result
Burst timing error
Concurrency capabilities Burst timing error measurements can be made
concurrently with all other measurements,
but burst timing result is not available when
PDTCH(s) are not active
Supplemental characteristics
Typical measurement
repeatability
< ± 0.25 T (0.923 μs)
Measurement resolution 0.25 T (0.923 μs)
Multislot-tolerant output RF spectrum (ORFS)
measurement
All specifications for the multislot-tolerant ORFS measurement
are valid between +20 and +55 °C. GSM/GPRS/EGPRS multislot
transmit power measurement or EGPRS multislot-tolerant trans-
mit power measurement accuracy specifications apply to output
power result. These specifications apply to E5515C mainframes
with Option 002 supplied after serial number GB46040001
January 2006, or E5515E.
Modulation measure-
ment implementation
Performed using a five-pole, synchronous-
ly-tuned 30 kHz RBW filter averaged over 40
bits
Switching measurement
implementation
Performed using a five-pole, synchronous-
ly-tuned 30 kHz RBW filter with peak hold
during the whole burst
Types of signals
measured
GMSK or 8PSK normal bursts
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots
Multislot signal
measurement capability
Measurement of one user-specified timeslot
transmitted as a single timeslot or four adja-
cent timeslots
Frequency capture range Signal must be within ± 200 Hz of test set’s
expected frequency for warranted performance
Minimum input level
Signal at test set’s RF IN/OUT must have
transmit power ≥ –10 dBm for warranted
performance
Filter options
Digital, analog, and auto
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Burst synchronization
RF amplitude for GSM or GPRS signals,
midamble for EGPRS signals
Measurement offsets
22 modulation and 8 switching offsets from
carrier are definable
Pass/fail limits
ETSI or user-defined
Numerical results
Modulation and switching results at each
selected offset, output power, transmit power
in 30 kHz bandwidth, modulation and switching
pass/fail indicators, modulation type
Displayed graphical
results
Fixed dB versus frequency views of modulation,
switching, or both modulation and switching,
settable marker and pass/fail limits, modula-
tion and switching pass/fail indicators, variable
frequency and amplitude axes
Multi-measurement
capabilities
1 to 999 measurements; average modulation
result, maximum switching result
Concurrency capabilities Multislot-tolerant ORFS measurements can
be made concurrently with all other measure-
ments
Supplemental characteristics
Modulation dynamic
range
– –74 dBr digital filter-type for full spectrum,
power 0 dBm or greater
– –74 dBr analog filter-type for full spec-
trum, power +10 dBm or greater
Typical switching
dynamic range
–70 dBc/–60 dBm (whichever is greater) at
600, 1200, and 1800 kHz offsets, power
+10 dBm or greater


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com