Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 15 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 15 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies E1968A Datasheet HTML 19Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Multislot power versus time measurement
All specifications for the multislot power versus time measure-
ment are valid between +20 and +55 °C and using high linearity
ranging mode. GSM/GPRS/EGPRS multislot transmit power mea-
surement or EGPRS multislot-tolerant transmit power measure-
ment accuracy specifications apply to output power results.
Types of signals
measured
Normal GMSK and 8PSK bursts, RACH bursts
for a single uplink timeslot only
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots. For warranted performance
at Capture All Mode, the maximum difference
between all slots should be ≤ 20 dB
Multislot signal mea-
surement capability
Measurement of a single GMSK or 8PSK uplink
timeslot or five adjacent GMSK and/or 8PSK
uplink timeslots with capture all mode
Frequency capture
ranges
Signal must be within ± 100 kHz of test set’s
expected frequency for warranted performance
Minimum input level
Signal at test set’s RF IN/OUT must have
transmit power ≥ –15 dBm for warranted
performance
Mask placement timing
accuracy
< ± 0.1 symbols with midamble synchronization
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Burst synchronization
Midamble, RF amplitude, none for a single GSM
or GPRS uplink timeslot; midamble for two
GSM or GPRS uplink timeslots or any EGPRS
uplink timeslots
Tx power method
Estimated carrier power or average burst
power
Ranging mode
High linearity or high dynamic range
Marker measurement
points
12 time points within each burst are definable
PCS ETSI limit
Selection of narrow or relaxed mask in PCS
1900 MHz band
Mask types
Selectable as ETSI, custom 1, custom 2, or no
mask for each burst and ETSI, custom, or no
mask for guard period between bursts
Numerical results
– For entire single or multislot signal: pass/
fail for rising edge, active part(s), falling
edge, and guard period
– For each burst: GMSK transmit power or
8PSK burst power, worst case upper mask
limit margin and time, worst case lower
mask limit margin and time, amplitude at
marker measurement points
Displayed graphical
results
– For single-slot signals: fixed dBc versus μs
views of full, rising edge, falling edge, and
useful part of burst
– For multislot signals: fixed dBc versus μs
views of both bursts, guard period, burst
1, and burst 2
– For all signals: ETSI-defined mask, pass/
fail indicators, settable marker, and
variable time and amplitude axes
Multi-measurement
capabilities
1 to 999 bursts; minimum, maximum, average,
and standard deviation results
Concurrency capabilities Multislot power versus time measurements can
be made concurrently with all other measure-
ments
Supplemental characteristics
Typical relative
measurement accuracy
< ± 0.25 dB over –7 to +1 dB for GMSK bursts
< ± 0.25 dB over –4 to +4 dB for 8PSK bursts
Typical dynamic range
and typical noise floor
For measurement of the second burst in a
multislot configuration with the first burst
> 10 dB higher than the second burst
– Typical dynamic range: > lesser of 74 or
84 dB minus power offset between bursts,
or
– Typical noise floor: < –62 dBm, whichever
dominates
For all other single and multislot signals
– Typical dynamic
range
– > 74 dB, or
– Typical noise floor
– < –62 dBm, whichever dominates
Measurement resolution 0.01 dB
Accuracy (dBm)
Frequency (MHz)
< ± 0.5 dB
–7 to +1 dB for GMSK bursts
< ± 1.0 dB
–7 to +4 dB for 8PSK bursts
< ± 2.0 dB
–20 to < –7 dB
–32 to < –20 dB
< ± 2.7 dB
–50 to < –32 dB, ≥ –46 dBm 1
< ± 3.0 dB
–60 to < –50 dB, ≥ –46 dBm 1
1. For measurements on any burst in a multislot configuration where the
burst is not the highest, the minimum power is the higher of the following
three cases:
– –60 dB below reference
– For capture all mode –60 dB and for capture single mode, –70 dB below
reference plus the offset between this burst power levels and the highest
burst power level
– –46 dBm


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com