Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 14 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 14 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies E1968A Datasheet HTML 18Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Typical measurement accuracy for GMSK transmit power
at RF IN/OUT port:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.10
< ± 0.11
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot
< ± 0.14
< ± 0.15
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at the same
level
< ± 0.29
< ± 0.30
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Typical measurement accuracy for 8PSK/16QAM burst
power at RF IN/OUT port:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.14
< ± 0.15
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot
< ± 0.17
< ± 0.17
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at the same
level
< ± 0.33
< ± 0.34
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Supplemental characteristics
Supplemental
characteristics
Results are provided for signals at the test set’s
RF IN/OUT port for transmit power within –10
and +5 dB of expected power
Typical measurement accuracy when RF OUT ONLY port
is selected for signal generation (in addition to typical
measurement accuracy at RF IN/OUT port):
Accuracy (dBm)
Frequency (MHz)
< ± 0.01
< ± 0.04
450 to 496
700 to 800
810 to 960
1700 to 1990
Typical measurement
repeatability
< ±0.05 dB
Measurement resolution 0.01 dB
Measurement accuracy for GMSK transmit power or
8PSK/16QAM burst power at RF IN/OUT port between
+20 and +55 °C:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.32
< ± 0.34
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot and multi-
slot at the same level
< ± 0.57
< ± 0.59
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Measurement accuracy for 8PSK/16QAM estimated carri-
er power at RF IN/OUT port between + 20 and +55 °C:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.40
< ± 0.42
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot and multi-
slot at the same level
< ± 0.65
< ± 0.67
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Note: 8PSK estimated carrier power accuracy specifications above can be met
when signal quality is not degraded.
Measurement accuracy when RF OUT ONLY port is
selected for signal generation (in addition to measurement
accuracy at RF IN/OUT port):
Accuracy (dBm)
Frequency (MHz)
< ± 0.01
< ± 0.04
450 to 496
700 to 800
810 to 960
1700 to 1990
VSWR at RF IN/OUT
< 1.14 : 1 for 450 to 496 MHz and 700 to
960 MHz, < 1.2 : 1 for 1.7 to 1.99 GHz
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Burst synchronization
Midamble
Numerical result
GMSK transmit power, 8PSK burst power, 8PSK
estimated carrier power, 16QAM burst power,
16QAM estimated carrier power
Multi-measurement
capabilities
1 to 999 bursts; minimum, maximum, average,
and standard deviation results
Concurrency capabilities EGPRS multislot-tolerant transmit power
measurements can be made concurrently with
all other measurements
Supplemental characteristics
Extended amplitude
range
Results are provided for signals at the test set’s
RF IN/OUT port for transmit power within
–10 and +5 dB of expected power
Typical measurement accuracy for GMSK transmit power
or 8PSK burst power at RF IN/OUT port:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.15
< ± 0.16
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot and multi-
slot at the same level
< ± 0.35
< ± 0.36
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
EGPRS multislot-tolerant transmit power measurement
Types of signals
measured
Normal GMSK and 8PSK/16QAM bursts sent as
EGPRS signals
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots
Multislot signal
measurement capability
Measurement of one user-specified timeslot
transmitted as a single timeslot or two adjacent
timeslots
Frequency capture range Signal must be within ± 1 kHz of test set’s
expected frequency for warranted performance
Minimum input level
For warranted performance, signal at test set’s
RF IN/OUT must have transmit power
≥ –25 dBm for GMSK transmit power or 8PSK
burst power, and
≥ –20 dBm for 8PSK/16QAM estimated carrier
power
Typical measurement
repeatability
< ±0.05 dB
Measurement resolution 0.01 dB


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com