Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 13 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 13 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies E1968A Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
GSM/GPRS/EGPRS multislot transmit power
measurement (continued)
Burst synchroni-
zation
RF amplitude (GSM/GPRS midamble-synchronized
transmit power result is available as part of the
multislot power versus time measurement)
Numerical result
GMSK transmit power
Multi-measurement
capabilities
1 to 999 bursts; minimum, maximum, average, and
standard deviation results
Concurrency
capabilities
GSM/GPRS/EGPRS multislot-tolerant transmit
power measurements can be made concurrently
with all other measurements
Supplemental characteristics
Extended amplitude
range
Results are provided for signals at the test set’s RF
IN/OUT port for transmit power within –10 and
+5 dB of expected power
Typical measurement accuracy at RF IN/OUT port:
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.10
< ± 0.13
< ± 0.14
450 to 496
700 to 800
810 to 960
1700 to 1990
Single slot and multislot
at the same level
< ± 0.32
< ± 0.36
< ± 0.38
450 to 496
700 to 800
810 to 960
1700 to 1990
Multislot at different
levels
Typical measurement accuracy when RF OUT ONLY port
is selected for signal generation (in addition to typical
measurement accuracy at RF IN/OUT port):
Accuracy (dBm)
Frequency (MHz)
< ± 0.01
< ± 0.04
450 to 496
700 to 800
810 to 960
1700 to 1990
Typical measure-
ment repeatability
< ± 0.05 dB
Measurement
resolution
0.01 dB
The following specifications are valid when the burst capture range is set
to All:
Types of signals
measured
Normal GMSK bursts sent as GSM or GPRS signals,
normal GMSK and 8PSK bursts sent as EGPRS sig-
nals, CW, RACH bursts for a single uplink timeslot only
Multislot input
signal conditions
< 30 dB difference in power level between adjacent
timeslots. When autoranging is off, input signal trans-
mit power must be within ± 3 dB for highest burst and
+3 dB/–30 dB for other bursts relative to expected
power of highest burst; when autoranging is on, input
signal transmit power must be within
± 3 dB/–30 dB for all bursts
Multislot signal
measurement
capability
Simultaneous measurement of all bursts up to
6 uplink timeslots in the multislot Class 45
configuration
Frequency capture
range
Signal must be within ± 100 kHz of the test set’s
expected frequency for warranted performance
Minimum input
level
For warranted performance, signal at test set’s RF IN/
OUT must have transmit power > –25 dBm for GMSK
transmit power or 8PSK burst power, and > –20 dBm
for 8PSK estimated carrier power
Measurement accuracy for GMSK transmit power at
RF IN/OUT port between +20 and +55 °C (continued)
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.32
< ± 0.34
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at the same
level
< ± 0.70
< ± 0.72
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Measurement accuracy for 8PSK burst power at
RF IN/OUT port between +20 and +55 °C
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.32
< ± 0.33
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot
< ± 0.36
< ± 0.37
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at the same
level
< ± 0.75
< ± 0.76
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Measurement accuracy for 8PSK/16QAM estimated
carrier power at RF IN/OUT port between +20 and +55 °C
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.42
< ± 0.43
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot
< ± 0.46
< ± 0.47
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at the same
level
< ± 0.85
< ± 0.86
700 to 800
810 to 960
450 to 496
1700 to 1990
Multislot at different
levels
Note: 8PSK estimated carrier power specifications above can be met when signal
quality is not degraded.
Measurement accuracy when RF OUT ONLY port is
selected for signal generation (in addition to measurement
accuracy at RF IN/OUT port)
Accuracy (dBm)
Frequency (MHz)
< ± 0.01
< ± 0.04
450 to 496
700 to 800
810 to 960
1700 to 1990
VSWR at RF IN/OUT < 1.14 : 1 for 450 to 496 MHz and 700 to 960 MHz,
< 1.2 : 1 for 1.7 to 1.99 GHz
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Burst synchroni-
zation
Midamble
Numerical result
GMSK transmit power, 8PSK burst power, 8PSK es-
timated carrier power, 16QAM burst power, 16QAM
estimated carrier power
Multi-measurement
capabilities
1 to 999 bursts; minimum, maximum, average, and
standard deviation results
Concurrency
capabilities
GSM/GPRS/EGPRS multislot transmit power mea-
surements can be made concurrently with all other
measurements
Measurement accuracy for GMSK transmit power at
RF IN/OUT port between +20 and +55 °C
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.27
< ± 0.29
700 to 800
810 to 960
450 to 496
1700 to 1990
Single slot


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com