Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 12 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 12 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies E1968A Datasheet HTML 14Page - Keysight Technologies E1968A Datasheet HTML 15Page - Keysight Technologies E1968A Datasheet HTML 16Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
8PSK/16QAM multislot-tolerant modulation
accuracy measurement
All specifications for the 8PSK/16QAM multislot-tolerant modulation accu-
racy measurement are valid for the frequency ranges 700 to 800 MHz, 810
to 960 MHz, and 1.7 to 1.99 GHz.
Types of signals
measured
Normal 8PSK/16QAM bursts
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots
Multislot signal
measurement capability
Measurement of one user-specified timeslot
transmitted as a single timeslot or four adjacent
timeslots
Frequency capture range Signal must be within ± 200 Hz of test set’s
expected frequency for warranted performance
Minimum input level
Signal at test set’s RF IN/OUT must have
8PSK/16QAM burst power ≥ –15 dBm for
warranted performance
Residual rms EVM
< 1 percent for 8PSK
< 1 percent for 8PSK difference ≤ 30 dB
rms EVM measurement
accuracy
< 0.5 or > –1.0 for 8PSK
< 1.5 or > 2.0 for 16QAM for measured average
rms EVM between 1 and 10 percent
Sample EVM
measurement accuracy
< ± 4 percent
Frequency error
measurement accuracy
< ± 10 Hz plus timebase accuracy
Origin offset suppression
measurement accuracy
for 8PSK
< ± 1.5 dB for measured origin offset
suppression between 25 and 40 dB
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Burst synchronization
Midamble
Displayed graphical
results
EVM versus symbol, demodulated symbols
in octal and binary, magnitude error versus
symbol, phase error versus symbol, sample
EVM histogram with plots of measured sample
EVM PDF, expected sample EVM PDF, 95th
percentile EVM, and probability with settable
markers and variable axes
Multi-measurement
capabilities
1 to 999 bursts; maximum, minimum, and
average results
Concurrency capabilities 8PSK multislot-tolerant modulation accuracy
measurements can be made concurrently with
all other measurements
Supplemental characteristics
Measurement resolution 0.01 percent
Frequency error
measurement resolution
0.01 Hz
Origin offset suppression
measurement resolution
0.01 dB
Amplitude droop
measurement resolution
0.01 dB
Magnitude error
measurement resolution
0.01 percent
Phase error
measurement resolution
0.01 degree
IQ imbalance
measurement resolution
0.01 dB
Probability measurement
resolution
0.01 percent
GSM/GPRS/EGPRS multislot transmit power
measurement
The following specifications are valid when the burst capture range is set
to Single:
Types of signals
measured
Normal GMSK bursts sent as GSM or GPRS signals,
CW, RACH bursts for a single uplink timeslot only
Multislot input signal
conditions
≤ 30 dB difference in power level between
adjacent timeslots
Multislot signal
measurement
capability
Measurement of one user-specified timeslot
transmitted as a single timeslot or two adjacent
timeslots
Frequency capture
range
Signal must be within ± 100 kHz of test set’s ex-
pected frequency for warranted performance
Minimum input level Signal at test set’s RF IN/OUT must have transmit
power ≥ –25 dBm for warranted performance
Measurement accuracy at RF IN/OUT port between
+20 and +55 °C
Accuracy (dBm)
Frequency (MHz)
Timeslot
< ± 0.27
< ± 0.29
810 to 960
450 to 496
700 to 800
1700 to 1990
Single slot and multis-
lot at the same level
< ± 0.52
< ± 0.54
810 to 960
450 to 496
700 to 800
1700 to 1990
Multislot at different
levels
Measurement accuracy when RF OUT ONLY port is selected for
signal generation (in addition to measurement accuracy at
RF IN/OUT port):
Accuracy (dBm)
Frequency (MHz)
< ± 0.27
< ± 0.29
450 to 496
700 to 800
810 to 960
< ± 0.52
< ± 0.54
1700 to 1990
VSWR at RF IN/OUT
< 1.14 : 1 for 450 to 496 MHz and 700 to
960 MHz, < 1.2 : 1 for 1.7 to 1.99 GHz
Trigger sources
RF rise, protocol, immediate, auto, external
Trigger delay
Settable between ± 2.31 ms
Figure 2. EGPRS modulation accuracy measurement includes a
graphical sample EVM histogram to observe your device’s
statistical EGPRS performance.


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com