Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 9 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 9 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 5Page - Keysight Technologies E1968A Datasheet HTML 6Page - Keysight Technologies E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies E1968A Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
09 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Receiver measurement specifications
Simultaneous demodulation and measurements
The test set’s RF analyzer provides dedicated signal paths for
demodulation (maintaining the link) and measurements to be
performed simultaneously.
Demodulation frequency
capture range
Signal must be within ± 100 kHz of test set’s
expected frequency for warranted performance
Single-slot demodula-
tion sensitivity
≥ –30 dBm for BER and BLER measurements
Multislot demodulation
sensitivity
All uplink timeslots ≥ –30 dBm for maintaining a
data link when
– Adjacent GMSK timeslots from GPRS
signals are ≤ 25 dB different in level
– Adjacent GMSK timeslots from EGPRS
signals are ≤ 20 dB different in level, or
– Adjacent 8PSK timeslots are ≤ 10 dB
different in level
Supplemental characteristics
Typical demodulation
sensitivity
≥ –40 dBm for maintaining a link
GSM BER measurement
Types of signals
measured
Compares 260 bits of speech data using mobile
phone loopback with or without signaling of
erased speech frames
Minimum input level
Uplink signals at test set’s RF IN/OUT must
have transmit power ≥ –30 dBm for warranted
performance
Residual BER
< 10-6
Mobile loopback
In active cell operating modes as type A or type
B must be selected
Measurement type
Selected as residual type Ia, residual type Ib,
residual type II, type Ia, type Ib, or type II
Signaling loopback
control
Selectable as on or off
Data patterns
Selectable in GSM+TCH operating mode as all
zeros, all ones, alternate bits, alternate pairs,
alternate quads, PRBS-9, PRBS-15, fixed 2B
(hex), multi-tone, or custom
Closed-loop signaling
delay:
Settable between 0 and 5 s
Speech frames delay
Settable between 1 and 15 frames or automati-
cally determined
Measurement unit
Selectable as percent or count
Numerical results
BER, number of bits tested, number of bad
bits, frame erasure (FER) for residual measure-
ment types, cyclic redundancy check (CRC)
for non-residual measurement types, speech
frame delay, Rx level, Rx quality
Multi-measurement
capabilities
1 to 999,000 bits
Concurrency capabilities GSM BER measurements cannot be made con-
currently with GSM FBER measurements, GSM
decoded audio level measurements, or while
speech is provided on the downlink TCH; GSM
BER measurements can be made concurrently
with all other measurements
Supplemental characteristics
Measurement resolution 0.01 percent
GSM fast bit error ratio (FBER) measurement
Types of signals
measured
Comparison of 114 bits of interleaved data with
mobile phone in burst-by-burst loopback
Minimum input level
Uplink signal at test set’s RF IN/OUT must
have transmit power ≥ –30 dBm for warranted
performance
Residual BER
< 10-6
Measurement data
pattern
PRBS-9, PRBS-15
Mobile loopback
In active cell operating mode type C must be
selected
TDMA frame delay
Settable between 0 and 26 frames or
automatically determined
Signaling loopback
control
On or off
Closed-loop signaling
delay
Settable between 0 and 5 s
Measurement unit
Selectable as percent or count
Numerical results
Number of bits tested, FBER, number of bad
bits, TDMA frame delay, Rx level, Rx quality
Multi-measurement
capabilities
1 to 999,000 bits
Concurrency
capabilities
GSM FBER measurements cannot be made
concurrently with GSM BER measurement,
GSM decoded audio level measurements, or
while speech is provided on the downlink TCH;
GSM FBER measurements can be made con-
currently with all other measurements
Supplemental characteristics
Measurement resolution 0.01 percent


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com