Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 8 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 8 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 4Page - Keysight Technologies E1968A Datasheet HTML 5Page - Keysight Technologies E1968A Datasheet HTML 6Page - Keysight Technologies E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies E1968A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
08 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Single channel GPS source
A reduced single channel GPS signal can be generated for GPS receiver
C/N0 test. The signal can be output from either RF IN/OUT or RF OUTPUT
ONLY.
Signal frequency
1575.42 MHz
Signal level range
–70 to –125 dBm
Satellite ID
1 to 37
Chip rate
1.023 Mcps
Code support
C/A code
Signal level accuracy
< ± 1.0 dB for signal level from – 70 to –116 dBm
< ± 1.5 dB for signal level from –116 to –25 dBm
Transmitter and receiver measurement
specifications
The time until a measurement times-out and returns control to
the user can be set independently for each measurement. All
measurements return a measurement integrity result indicating
the accuracy and usefulness of each measurement’s results.
EGPRS 8PSK measurements are GSMSK-tolerant. Any GMSK
bursts are detected and discarded. Measurements continue when
the next 8PSK burst is detected. EGPRS GMSK measurements
are also 8PSK-tolerant.
Frequency coverage and amplitude range
Unless otherwise noted, all specifications apply to frequencies of
450 to 496 MHz, 700 to 960 MHz, and 1.7 to 1.99 GHz, signals
with peak input power at the test set’s RF IN/OUT not higher than
+37 dBm, and temperatures of 0 to +55 °C. Input signal transmit
power (defined as the average power over the useful part of the
burst) at the test set’s RF IN/OUT must be within ± 3 dB of the
test set’s expected power for warranted performance.
GMSK signal generation
Absolute output level accuracy with GMSK modulation on:
Specification
Ranges
< ± 1.10 dB
Single slot from –110 to –13 dBm
< ± 1.10 dB
1 multislot level between –110 and –13 dBm
< ± 1.50 dB
2 multislot levels ≤ 20 dB apart between –110
and –70 dBm
Peak phase error
< ± 4 degrees
rms phase error
< 1 degree
Frequency error
< ± 0.01 ppm plus timebase reference
Amplitude flatness
< ± 0.3 dB for single-slot GMSK signals
< ± 1.0 dB for multislot GMSK signals
Supplemental characteristics
Typical absolute output level accuracy with GMSK modulation on:
Specification
Ranges
< ± 0.55 dB
Single slot from –110 to –13 dBm
< ± 0.55 dB
1 multislot level between –110 and –13 dBm
< ± 0.85 dB
2 multislot levels ≤ 20 dB apart between –110
and –70 dBm
Typical burst modulation
on/off ratio (referenced
to lowest signal level)
> 50 dB
8PSK signal generation
Absolute output level accuracy with 8PSK modulation on:
Specification
Ranges
< ± 1.10 dB
Single slot from –110 to –13 dBm
< ± 1.10 dB
1 multislot level between –110 and –13 dBm
< ± 1.50 dB
2 multislot levels ≤ 20 dB apart between –110
and –70 dBm
rms EVM
< 4%
Origin offset
suppression
> 35 dB
Frequency error
< ± 0.02 ppm plus timebase reference
Supplemental characteristics
Typical absolute output level accuracy with 8PSK modulation on:
Specification
Ranges
< ± 0.57 dB
Single slot from –110 to –13 dBm
< ± 0.57 dB
1 multislot level between –110 and –13 dBm
< ± 0.85 dB
2 multislot levels ≤ 20 dB apart between –110
and –70 dBm
Spectral purity
Harmonics
≤ –25 dBc for levels ≤ –17 dBm
Subharmonics
≤ –40 dBc
Non-harmonics
< –55 dBc for 100 to ≤ 1500 kHz offsets from
carrier, < –68 dBc for > 1500 kHz offsets from
carrier
Supplemental characteristics
Typical non-harmonic
performance
< –55 dBc for 3 to < 100 kHz offsets
< –53 dBc for line-related non-harmonics
Typical spurious due to
receiver LO leakage
< –50 dBm for spurious at 105 ± 2.5 MHz below
expected transmitter frequency and its second
harmonic
RF analyzer functionality
RF frequency
Ranges applied to
demodulation and
transmitter
specifications
450 to 496 MHz, 700 to 800 MHz, 810 to
960 MHz, and 1.7 to 1.99 GHz
Supplemental characteristics
Operating range
292.5 to 2700 MHz


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com