Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 7 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 7 Page - Keysight Technologies

Back Button E1968A Datasheet HTML 3Page - Keysight Technologies E1968A Datasheet HTML 4Page - Keysight Technologies E1968A Datasheet HTML 5Page - Keysight Technologies E1968A Datasheet HTML 6Page - Keysight Technologies E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies E1968A Datasheet HTML 10Page - Keysight Technologies E1968A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
07 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Technical Specifications
These specifications apply to an E5515C mainframe with Option
002, or E5515E when used with the E1968A test application of
firmware revision A.09 or higher, or the E1987A test application of
firmware revision A.08 or higher. Depending on the exact con-
figuration, earlier E5515C and E5515B instruments may require
hardware upgrades to obtain certain features and capability. Fea-
tures which may require hardware upgrades include: EGPRS (all
capability), higher EGPRS multislot classes, spectrum monitor, RF
out only port, phase and amplitude versus time (PAvT), fast device
tune, and ORFS digital filter option.
CAUTION: Loading an application onto your E5515C/E test set
that is not compatible with your E5515C/E’s hardware revision
can cause your E5515C/E to lock-up. For information on appli-
cation/E5515C/E compatibility go to
www.keysight.com/find/
E5515C and select the relevant link to E5515C/E Release Notes.
Always refer to this information before loading an application.
Supplemental characteristics are intended to provide additional
information useful in applying the instrument by giving typical,
but non-warranted performance parameters. These characteris-
tics are shown in italics and labeled as “typical,” or “supplemen-
tal,” and apply at +25 °C.
RF generator level accuracy is derived from 95th percentile
observations with 95 percent confidence (corresponds to an
expanded uncertainty with a 95 percent confidence (k=2)) at
ambient conditions, then qualified to include the environmental
effects of temperature and humidity.
RF frequency
Frequency ranges
450 to 496 MHz, 700 to 800 MHz, 810 to
960 MHz, 1.7 to 1.9 GHz
Accuracy and stability
Same as timebase reference
Supplemental characteristics
Typical CW frequency
switching speed
< 10 ms to be within < 0.1 ppm of final
frequency
Operating frequency
range
292 to 2700 MHz
Setting resolution
1 Hz
RF amplitude
Output level range at RF
IN/OUT
−110 to –13 dBm
Output level range at RF
OUT ONLY
−110 to –5 dBm
Absolute output level
accuracy
< ± 1.0 dB
VSWR at RF IN/OUT
< 1.14 : 1 for 450 to 496 MHz and 810 to
960 MHz, < 1.2 : 1 for 1.7 to 1.99 GHz
Reverse power at
RF IN/OUT
< 2.5 W continuous, < 5 W peak bursted power
Reverse power at
RF OUT ONLY
< 500 mW continuous
Supplemental characteristics
Typical output level
accuracy
< ± 0.5 dB
Typical output level re-
peatability at RF IN/OUT
(returning to the same
frequency and level)
< ± 0.1 dB
Typical VSWR at RF OUT
ONLY
< 1.4 : 1 for 450 to 496 MHz and 810 to
960 MHz, < 1.45 : 1 for 1.7 to 1.99 GHz
Typical isolation from RF
OUT ONLY port to RF IN/
OUT port (when the RF
generator is routed to
the RF OUT ONLY port)
> 60 dB for 450 to 496 MHz and 810 to
960 MHz, > 40 dB for 1.7 to 1.99 GHz
Operating level range at
RF IN/OUT
–127 to –10 dBm
Operating level range at
RF OUT ONLY
–119 to –2 dBm
FM signal generation
These specifications apply to an E5515C/E test set when used with an
E5520A FM adapter. Output signal amplitude and distortion specifications
for FM testing with the E5515C/E and E5520A are supplemental.
Amplitude
Conversion gain through
E5520A
−20.00 dB
Output level range
−20 to −140 dBm
Output level accuracy
± 1 dB at 76 to 108 MHz and −30 to −110 dBm
Frequency modulation
Rate range
50 Hz to 20 kHz
Deviation range
0 to 75 kHz
Deviation accuracy
± 5% + residual FM at 1 kHz rate
Residual FM
< 30 Hz at 50 Hz to 20 kHz
RF (downlink) generator specifications
RF generator specifications apply to both RF IN/OUT and the RF
OUT ONLY port on the 8960 (E5515C/E).


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com