Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 5 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 5 Page - Keysight Technologies

  E1968A Datasheet HTML 1Page - Keysight Technologies E1968A Datasheet HTML 2Page - Keysight Technologies E1968A Datasheet HTML 3Page - Keysight Technologies E1968A Datasheet HTML 4Page - Keysight Technologies E1968A Datasheet HTML 5Page - Keysight Technologies E1968A Datasheet HTML 6Page - Keysight Technologies E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
05 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
GPRS and EGPRS PDTCH parameters
– Settable downlink PDTCH power including power in unused
bursts, uplink band, channel number, and power level
– GPRS coding schemes of CS-1, CS-2, CS-3, or CS-4
– EGPRS uplink modulation coding schemes of MCS-1, MCS-2,
MCS-3, MCS-4, MCS-5, MCS-6, MCS-7, MCS-8, or MCS-9
– EGPRS downlink modulation coding schemes: Same as
uplink, MCS-1, MCS-2, MCS-3, MCS-4, MCS-5, MCS-6,
MCS-7, MCS-8, or MCS-9
– EGPRS2-A downlink modulation coding schemes: MCS1 to
MCS9, DAS5 to DAS12
– EGPRS2-A uplink modulation coding schemes: MCS1 to
MCS6, UAS7 to UAS11
– EGPRS modulation coding scheme of 8PSK clear coded in
EGPRS BCH+PDTCH operating mode
– (E)GPRS multislot configurations of 1x1, 1x2, 1x3, 1x4, 1x5,
1x6, 2x1, 2x2, 2x3, 2x4, 3x1, 3x2, 3x3, 4x1, 4x2, 5x1, 6x1
(downlink x uplink)
– Selection of which contiguous down- link bursts to loop
back on the uplink with connection type ETSI type B or SRB
loopback
– Selection of which uplink burst to use for multislot-tolerant
RF measurements
Cell parameters
– Three-digit MNC off or on in PCS 1900 MHz and GSM
850 MHz bands
– Settable MCC, MND, LAC, RAC, NCC, and BCC
– Option to get IMEI at call setup
– Mobile DTX on or off
– Paging mode reorganized or normal
– Settable paging multiframes of 2 to 9
– Repeat paging on or off
– Tx level FACCH signaling on or off
– Symmetric or asymmetric uplink frame segmentation
– Settable random frequency offset for BCH and PDTCH
Handover setup
– GSM traffic band, traffic channel, timeslot, channel mode,
half-rate speech subchannel, MS Tx level
– GPRS traffic band, traffic channel, coding scheme, multislot
configuration, P0, MS Tx level burst 1 to 6
– EGPRS traffic band, traffic channel, downlink modulation
coding scheme, uplink modulation coding scheme, multislot
configuration, P0, MS Tx level burst 1 to 6
Protocol control
– RLC/MAC header off or on in GPRS BCH+PDTCH operating
mode
– RLC/MAC header selectable as uplink or downlink in EGPRS
BCH+PDTCH operating mode
– RLC/MAC packet timeslot reconfigure off or on
– RLC/MAC packet power timing advance on or off
– Settable RLC/MAC block poll rate of 1 to 256
– RLC/MAC frame start position of relative, absolute, or
immediate
– LLC BLER FCS of valid or corrupt
Protocol control (continued)
– Settable LLC payload patterns for connection types ETSI
type B or for BLER with corrupt FCS of all zeros, all ones,
alternate bits, alternate pairs, alternate quads, PRBS-9,
PRBS-15, fixed 2B (hex), custom, GMM information for BLER
Receiver control
– Expected power control auto or manual
– Manual power bursts 1 to 6 settable in dBm
– Measurement frequency auto or settable in MHz
– Modulation formal control auto or manual
– Manual modulation of bursts 1 to 6 selectable as GMSK or
8PSK
DUT information
– International mobile subscriber identity (IMSI)
– International mobile equipment identity (IMEI) (if selected)
– GPRS multislot class
– EGPRS multislot class
– GMSK power class
– 8PSK power class
Counters reported
– RACH count
– Corrupt burst count
– Page count
– Decode error count
– Missing burst count
Errors reported
– Burst timing error
– BLER (block error rate)
Last location information reported
– Location area code (LAC)
– Mobile country code (MCC)
– Mobile network code (MNC)
SACCH reports (on a GSM voice call)
– Timing advance
– Tx level
– Rx level
– Rx qual
Neighbor cell reports
– Channel number
– Base station color code (BCC)
– Rx level
– Network color code (NCC)


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com