Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E1968A Datasheet(PDF) 4 Page - Keysight Technologies

Part # E1968A
Description  GSM/GPRS/EGPRS Test Application
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

E1968A Datasheet(HTML) 4 Page - Keysight Technologies

  E1968A Datasheet HTML 1Page - Keysight Technologies E1968A Datasheet HTML 2Page - Keysight Technologies E1968A Datasheet HTML 3Page - Keysight Technologies E1968A Datasheet HTML 4Page - Keysight Technologies E1968A Datasheet HTML 5Page - Keysight Technologies E1968A Datasheet HTML 6Page - Keysight Technologies E1968A Datasheet HTML 7Page - Keysight Technologies E1968A Datasheet HTML 8Page - Keysight Technologies E1968A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
04 | Keysight | E1968A GSM/GPRS/EGPRS Test Application - Technical Overview
Integrated GSM, GPRS, and EGPRS
Functionality
– Switch between GSM, GPRS, and EGPRS serving cells
– Switch between data and voice connections without losing
camp or attach
– Establish a voice or data connection after initial GPRS attach
– Supports Evolved EDGE functionality
– Supports EGPRS2-A signaling and test mode measurement
GSM functionality
Mobile station power
output level control
Meets GSM phase one and phase two power
control levels
Traffic channels
TCH/FS – FR, EFR, and HR speech modes
Broadcast channel
configuration
BCCH + CCCH + SDCCH/4
Signaling protocol setup FACCH audio speech echo delay is settable
from 1 to 4 seconds
Real-time audio codec
Audio encoder and decoder support FR, HR,
EFR, AMR, and WB-AMR codec
GPRS functionality
Multislot classes
supported
1 through 12
30 through 45
Control channels
BCH on timeslot 0 on any ARFCN in any band
Broadcast channel
configuration
FCCH + SCH + BCCH + CCCH + SDCCH/4 (0-3)
+ SACCH/C4 (0-3)
Downlink PDTCH
One, two, three, or four on the same PDTCH
ARFCN with one or two PDTCH amplitudes
settable between 0 and 55 dB below BCH
amplitude; amplitudes in adjacent timeslots
selectable as off, PRL (power reduction level)
one, or PRL two
EGPRS functionality
Multislot classes
supported
1 through 12
30 through 45
Control channels
BCH on timeslot 0 on any ARFCN in any band
Broadcast channel
configuration
FCCH + SCH + BCCH + CCCH + SDCCH/4 (0-3)
+ SACCH/C4 (0-3)
Downlink PDTCH
One, two, three, four, or five on the same
PDTCH ARFCN with one or two PDTCH ampli-
tudes settable between 0 and 55 dB below BCH
amplitude; amplitudes in adjacent timeslots
selectable as off, PRL one, or PRL two
Evolved EDGE Functionality
Downlink PDTCH
– Downlink dual carrier (DLDC) setup
– Supports RTTI mode
– Fast Ack/Non-Ack setup
– 16QAM/32QAM downlink setup
– 16QAM uplink setup
Call Processing Functionality
– GSM MS and BS origination
– GSM MS and BS release
– GPRS mobile-initiated attach and detach
– GPRS and EGPRS packet data transfers on uplink and
downlink
– E-EDGE and EGPRS2-A call setup
– Intra-cell channel assignments
– Inter-cell handovers between all bands
– Handover from W-CDMA to GSM (with E1987A test
application)
– 2-box handover from W-CDMA to GSM or GSM to GSM
– BA table with 16 settable neighbor cells
– External triggers provide a signal output each frame with
settable timeslot, bit, and option to include or exclude the
idle frame
BCH setup and parameters
– Settable downlink power, band, and channel number
– Settable maximum control channel power used by the MS for
access bursts of 0 to 31
– Settable maximum control channel power offset value for
DCS 1800 MHz band of 0 to 3
– Band indication of DCS or PCS
GSM TCH parameters
– Settable downlink in TCH power including power in unused
bursts, uplink band, channel number, and power level
– Channel modes of FR, EFR, and HR, plus HR subchannel of 0
or 1
– Settable uplink timeslot of 1 to 7
– Settable timing advance of 0 to 63
– Mobile loopback of off, type A, type B, or type C as defined in
ETSI 04.14 or 3GPP 44.014
– Downlink TCH speech types of none, echo, 300 Hz sine, 1
kHz sine, 3 kHz sine, or PRBS-9, PRBS-15, multi-tone, cus-
tom or real-time vocoder


Similar Part No. - E1968A

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E196 GILWAY-E196 Datasheet
7Mb / 4P
   Engineering Catalog 169
logo
BCM Advanced Research.
E1961211060006R BCM-E1961211060006R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
E1961211100014R BCM-E1961211100014R Datasheet
147Kb / 1P
   Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
logo
Agilent(Hewlett-Packard...
E1962B HP-E1962B Datasheet
879Kb / 26P
   cdma2000/IS-95/AMPS Mobile Test Application
logo
Keysight Technologies
E1962B KEYSIGHT-E1962B Datasheet
1Mb / 27P
   For the 8960 Series 10 (E5515C/E) Wireless Communications Test Set
More results

Similar Description - E1968A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E6715A KEYSIGHT-E6715A Datasheet
1Mb / 7P
   E6701K GSM/GPRS and E6704A EGPRS
logo
Telit loT Solutions
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
   GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
   GSM | GPRS Embedded
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
   GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
   GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
   GSM | GPRS Embedded
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
   GSM & GPRS MODEM
logo
Telit loT Solutions
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com