Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VPQ701M Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB7VPQ701M
Description  1.8 V USB 3.1 Single Channel Re-driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VPQ701M Datasheet(HTML) 3 Page - ON Semiconductor

  NB7VPQ701M Datasheet HTML 1Page - ON Semiconductor NB7VPQ701M Datasheet HTML 2Page - ON Semiconductor NB7VPQ701M Datasheet HTML 3Page - ON Semiconductor NB7VPQ701M Datasheet HTML 4Page - ON Semiconductor NB7VPQ701M Datasheet HTML 5Page - ON Semiconductor NB7VPQ701M Datasheet HTML 6Page - ON Semiconductor NB7VPQ701M Datasheet HTML 7Page - ON Semiconductor NB7VPQ701M Datasheet HTML 8Page - ON Semiconductor NB7VPQ701M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NB7VPQ701M
www.onsemi.com
3
DEVICE CONFIGURATION
Table 2. CONTROL PIN EFFECTS (Typical Values)
Pin
Description
Logic State
Equalization Gain
EQ
Equalization Amount
Low
3 dB
Mid
6 dB
High
9 dB
Pin
Description
Logic State
De−emphasis Ratio (Note 1)
OS = LOW
OS = Float
OS = High
DE
De−Emphasis Amount
Low
0 dB
−4 dB
−6 dB
Mid
−3 dB
−5.5 dB
−7.5 dB
High
−5.5 dB
−7 dB
−9 dB
Pin
Description
Logic State
Output Swing
OS
Output Swing with DE Pin Low
(0 dB)
Low
750 mVPP
Mid
900 mVPP
High
1000 mVPP
Pin
Description
Logic State
Chip Enable
EN
Chip Enable Input
Low
Chip Disabled (Deep Power−Saving Mode)
High
Chip Enable
1. dB Decrease = 20 log * (VTX−DE / VTX−DIFF−PP)
Table 3. ATTRIBUTES
Parameter
ESD Protection
Human Body Model
Charged Device Model
> 4 kV
> 1.5 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 2)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−O @ 0.125 in
Transistor Count
704
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
2. For additional information, see Application Note AND8003/D.
Table 4. ABSOLUTE MAXIMUM RATINGS
Over operating free−air temperature range (unless otherwise noted)
Parameter
Description
Min
Max
Unit
Supply Voltage (Note 3)
VCC
−0.3
2.5
V
Voltage range at any input or
output terminal
Differential I/O
−0.5
1.89
V
LVCMOS inputs
−0.3
VCC + 0.3
V
Electrostatic discharge
Human body model (all pins) (Note 4)
±4
kV
Charged device model (all pins) (Note 4)
±1.5
kV
Storage temperature, TSG
−65
150
°C
Maximum junction temperature, TJ
−40
125
°C
Junction−to−ambient thermal resistance,
qJA
138
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
3. All voltage values are with respect to the GND terminals.
4. Tested in accordance with JEDEC Standard.


Similar Part No. - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7VPQ702MMUTXG ONSEMI-NB7VPQ702MMUTXG Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
More results

Similar Description - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
logo
Texas Instruments
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com