Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VPQ701M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7VPQ701M
Description  1.8 V USB 3.1 Single Channel Re-driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VPQ701M Datasheet(HTML) 2 Page - ON Semiconductor

  NB7VPQ701M Datasheet HTML 1Page - ON Semiconductor NB7VPQ701M Datasheet HTML 2Page - ON Semiconductor NB7VPQ701M Datasheet HTML 3Page - ON Semiconductor NB7VPQ701M Datasheet HTML 4Page - ON Semiconductor NB7VPQ701M Datasheet HTML 5Page - ON Semiconductor NB7VPQ701M Datasheet HTML 6Page - ON Semiconductor NB7VPQ701M Datasheet HTML 7Page - ON Semiconductor NB7VPQ701M Datasheet HTML 8Page - ON Semiconductor NB7VPQ701M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB7VPQ701M
www.onsemi.com
2
Figure 1. Logic Diagram of NB7VPQ701M
Figure 2. UQFN12 Package Pinout
(Top View)
Table 1. PIN DESCRIPTION
Pin
Number
Pin Name
Type
Description
1
VCC
Power
1.8 V power supply
2
GND
Power
Reference Ground
3
RX+
Differential
Input Pair
Differential input pair for 5 / 10 Gbps USB signals. Must be externally AC−coupled.
4
RX-
5
NC1
N/A
No connect – float pin
6
OS
CMOS Input
Sets output amplitude on the TX. 3−state input with integrated 250 k
W pull−up and
pull−down resistors. Defaults to Mid when left open.
7
EQ
CMOS Input
Sets equalizer gain on the RX. 3−state input with integrated 250 k
W pull−up and pull−down
resistors. Defaults to Mid when left open.
8
DE
CMOS Input
Sets the output de−emphasis. 3−state input with integrated 250 k
W pull−up and pull−down
resistors. Defaults to Mid when left open.
9
EN
CMOS Input
Chip enable input (active high), internal 550 k
W pull−up resistor. Low to power down.
10
NC2
N/A
No connect – float pin
11
TX-
Differential
Output Pair
Differential output for 5 / 10 Gbps USB signals. Must be externally AC−coupled.
12
TX+


Similar Part No. - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7VPQ702MMUTXG ONSEMI-NB7VPQ702MMUTXG Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
More results

Similar Description - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
logo
Texas Instruments
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com