Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VPQ701M Datasheet(PDF) 1 Page - ON Semiconductor

Part # NB7VPQ701M
Description  1.8 V USB 3.1 Single Channel Re-driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VPQ701M Datasheet(HTML) 1 Page - ON Semiconductor

  NB7VPQ701M Datasheet HTML 1Page - ON Semiconductor NB7VPQ701M Datasheet HTML 2Page - ON Semiconductor NB7VPQ701M Datasheet HTML 3Page - ON Semiconductor NB7VPQ701M Datasheet HTML 4Page - ON Semiconductor NB7VPQ701M Datasheet HTML 5Page - ON Semiconductor NB7VPQ701M Datasheet HTML 6Page - ON Semiconductor NB7VPQ701M Datasheet HTML 7Page - ON Semiconductor NB7VPQ701M Datasheet HTML 8Page - ON Semiconductor NB7VPQ701M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 2
1
Publication Order Number:
NB7VPQ701M/D
NB7VPQ701M
1.8 V USB 3.1 Single
Channel Re-driver
Description
The NB7VPQ701M is a 1.8 V single channel re−driver for USB 3.1
Gen 1 and USB 3.1 Gen 2 applications that supports both 5 Gbps and
10 Gbps data rates. Signal integrity degrades from PCB traces,
transmission cables, and inter−symbol interference (ISI). The
NB7VPQ701M compensates for these losses by engaging varying
levels of equalization at the input receiver and de−emphasis on output
driver. The output transmitter circuitry provides user selectable
de−emphasis and output amplitude settings to create the best eye
openings for the outgoing data signals.
The NB7VPQ701M features an intelligent LFPS circuit. This
circuit senses the low frequency signals and automatically disables
driver de−emphasis for full USB 3.1 Gen 1 and USB 3.1 Gen 2
compliances.
After power up, the NB7VPQ701M periodically checks both of the
TX output pairs for a receiver connection. When the receiver is
detected the RX termination becomes enabled and the NB7VPQ701M
is set to perform the re−driver function.
The NB7VPQ701M comes in a small, ultra−thin 1.6 x 1.6 mm
UQFN12 package and is specified to operate across the entire
industrial temperature range, –40
°C to 85°C.
Features
1.8 V ± 5% Power Supply
Device Supports USB 3.1 Gen 1 and USB 3.1 Gen 2 Data Rates
Automatic LFPS De−Emphasis Control
Automatic Receiver Termination Detection
Integrated Input and Output Termination
Selectable Equalization, De−Emphasis, and Output Swing
Chip Enable Pin for Deep Power−Saving Mode
Hot−Plug Capable
ESD Protection ±4 kV HBM
Operating Temperature Range: –40°C to 85°C
Small 1.6 x 1.6 x 0.5 mm UQFN12 Package
This is a Pb−Free Device
Typical Applications
Mobile Phone and Tablet
Computer and Laptop
Docking Station and Dongle
Active Cable, Back Planes
Gaming Console, Smart T.V.
Device
Package
Shipping
ORDERING INFORMATION
NB7VPQ701MMUTBG
UQFN12
(Pb−Free)
3000 /
Tape & Reel
UQFN12
CASE 523AV
MARKING
DIAGRAM
www.onsemi.com
1
VP = Specific Device Code
M
= Date Code
G
= Pb−Free Package
VP M
G
G
1
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7VPQ702MMUTXG ONSEMI-NB7VPQ702MMUTXG Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
More results

Similar Description - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
logo
Texas Instruments
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com