Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VPQ701M Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB7VPQ701M
Description  1.8 V USB 3.1 Single Channel Re-driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VPQ701M Datasheet(HTML) 5 Page - ON Semiconductor

  NB7VPQ701M Datasheet HTML 1Page - ON Semiconductor NB7VPQ701M Datasheet HTML 2Page - ON Semiconductor NB7VPQ701M Datasheet HTML 3Page - ON Semiconductor NB7VPQ701M Datasheet HTML 4Page - ON Semiconductor NB7VPQ701M Datasheet HTML 5Page - ON Semiconductor NB7VPQ701M Datasheet HTML 6Page - ON Semiconductor NB7VPQ701M Datasheet HTML 7Page - ON Semiconductor NB7VPQ701M Datasheet HTML 8Page - ON Semiconductor NB7VPQ701M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB7VPQ701M
www.onsemi.com
5
Table 8. RECEIVER AC/DC CHARACTERISTICS Over operating free−air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VRX−DIFF−pp
Input differential voltage swing
AC−coupled, peak−to−peak
250
1200
mVPP
VRX−CM
Common−mode voltage bias in the
receiver (DC)
VCC
0.25
V
ZRX−DIFF
Differential input impedance (DC)
Present after an USB device is
detected on TX+/TX−
80
100
120
W
ZRX−CM
Common−mode input
impedance (DC)
Present after an USB device is
detected on TX+/TX−
20
25
30
W
ZRX−HIGH−IMP
Common−mode input impedance
with termination disabled (DC)
Present when no USB device is
detected on TX+
25
35
k
W
VTH−LFPS−pp
Low Frequency Periodic Signaling
(LFPS) Detect Threshold
Output voltage is considered
squelched below this threshold
voltage.
300
mVPP
Table 9. TRANSMITTER AC/DC CHARACTERISTICS Over operating free−air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VTX−DIFF−PP
Output differential voltage swing at 5
Gbps, 10 Gbps with DE low (0 dB)
OS = Low, 50
W to VCC
750
mVPP
OS = Mid, 50
W to VCC
900
OS = High, 50
W to VCC
1000
CTX
TX input capacitance to GND
At 2.5 GHz
1.25
pF
ZTX−DIFF
Differential output impedance (DC)
Present after an USB device is de-
tected on TX+/TX−
80
100
120
W
ZTX−CM
Common−mode output impedance (DC) Present after an USB device is de-
tected on TX+/TX−
20
30
W
ITX−SC
TX short circuit current
TX+ or TX− shorted to GND
30
mA
VTX−CM
Common−mode voltage bias in the
transmitter (DC)
VCC−0.5
VCC
V
VTX−CM−ACpp
AC common−mode peak−to−peak volt-
age swing in active mode
Within U0 and within LFPS
100
mVPP
VTX−IDLE−DIFF−
ACpp
Differential voltage swing during
electrical idle
Tested with a high−pass filter
0
10
mVPP
VTX−RXDET
Voltage change to allow receiver
detect
Positive voltage to sense receiver
termination
600
mV
tR, tF
Output rise, fall time
20% − 80% of differential
voltage measured 1 inch from
the output pin
45
ps
tRF−MM
Output rise, Fall time mismatch
20% − 80% of differential
voltage measured 1 inch from
the output pin
5
ps
tdiff−LH, tdiff−HL
Differential propagation delay
De−emphasis = −3 dB, OS = Low
propagation delay between
50% level at input and output
150
ps
tidleEntry,
tidleExit
Idle entry and exit times
30
ns


Similar Part No. - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7VPQ702MMUTXG ONSEMI-NB7VPQ702MMUTXG Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
More results

Similar Description - NB7VPQ701M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
logo
Texas Instruments
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
logo
Texas Instruments
TUSB522P TI1-TUSB522P Datasheet
1Mb / 21P
3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
4-Channel Video Re-Driver with Equalization
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
logo
Wurth Elektronik GmbH &...
632910731131 WURTH-632910731131 Datasheet
360Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 A MALE
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com