Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 7 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 7 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 3Page - Rohm BD81A24MUV-M Datasheet HTML 4Page - Rohm BD81A24MUV-M Datasheet HTML 5Page - Rohm BD81A24MUV-M Datasheet HTML 6Page - Rohm BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm BD81A24MUV-M Datasheet HTML 10Page - Rohm BD81A24MUV-M Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Datasheet
Datasheet
7/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
(1) Under-Voltage Lock Out (UVLO)
The UVLO shuts down all the circuits except VREG when VCC<3.5V (Typ) or VREG <2.0V (Typ). And UVLO is
released by Vcc>4.0V (Typ) and VREG>3.5V (Typ).
(2) Thermal Shut Down (TSD)
The TSD shuts down all the circuits except VREG when the Tj reaches 175°C (Typ), and releases when the Tj becomes
below 150°C (Typ).
(3) Over-Voltage Protection (OVP)
The output voltage of DC/DC is detected from the OVP terminal voltage, and the over-voltage protection will activate if
the OVP terminal voltage becomes greater than 2.0V (Typ). When OVP is activated, the switching operation of the
DC/DC turns off. And OVP terminal becomes less than 1.94V (Typ), OVP is released and the switching operation of the
DC/DC turns on.
(4) Over-Current Protection (OCP)
The OCP detects the coil current by monitoring the voltage of the high-side resistor, and activates when the CS voltage
becomes less than VCC-0.2V (Typ).
When the OCP is activated, the switching operation of the DC/DC turns off. And CS voltage becomes over than
Vcc-0.2V (typ), OCP is released and the switching operation of the DC/DC turns on.
(5) Short Circuit Protection (SCP)
When the LED terminal voltage becomes less than 0.3V (Typ) or OVP terminal becomes less than 0.57V (typ), the
built-in counter operation will start and the latch will activate at oscillation frequency in 32770 count. In case of
fosc=300kHz, the count time is approximately 100ms. If the LED terminal voltage becomes over 0.3V or OVP terminal
becomes over 1.0V (typ) before 32770 count, the counter resets and SCP is not detected.
(6) LED Open Detection
When the LED terminal voltage is below 0.3V (Typ) and OVP terminal voltage more than 2.0V (Typ) simultaneously,
LED open is detected and latches off the open channel.
(7) LED Short Detection Circuit
If the LED terminal voltage becomes more than 4.5V (Typ), the built-in counter operation will start and the latch will
activate at oscillation frequency in 32770 count. In case of fosc=300kHz, the count time is approximately 100ms. During
PWM dimming, the LED Short Detect operation is carried out only when PWM=High. If the LED terminal voltage
becomes less than 4.5V (Typ) before 32770 count, the counter resets and LED Short is not detected.
When LED Short Detect function will not be used, SHDETEN terminal should be connected to VREG before starting.
When LED Short Detect function is used, the SHDETEN terminal should be connected to GND. In addition, it cannot
change SHDETEN voltage (High or Low) during normal operation.
(8) PWM Low Latch Off Circuit
After the EN is ON, the low interval of PWM input is counted by built-in counter. The clock frequency of counter is the
fosc Frequency, which is determined by RRT, and stops the operation of circuits except VREG at 32768 counts.
In case of fosc=300kHz, the count time is approximately 100ms.


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com