Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 4 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 4 Page - Rohm

  BD81A24MUV-M Datasheet HTML 1Page - Rohm BD81A24MUV-M Datasheet HTML 2Page - Rohm BD81A24MUV-M Datasheet HTML 3Page - Rohm BD81A24MUV-M Datasheet HTML 4Page - Rohm BD81A24MUV-M Datasheet HTML 5Page - Rohm BD81A24MUV-M Datasheet HTML 6Page - Rohm BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Datasheet
Datasheet
4/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
80
90
100
110
120
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ta [℃]
Ta vs ILED
⊿VOUT=50mV
⊿VOUT=100mV
⊿VOUT=200mV
<Caution of LED current setting>
If the output current ILED is set to >100mA/ch, the stability of LED current within specified operating temperature range will
decrease. LED current supply value will depends on the amount of ripple in output voltage (VOUT). The figure below shows
the temperature and the possible LED current maximum value settings, please adjust the ripple voltage in such a way that
the LED current value setting will fall within the range as shown on the graph below. (∆VOUT: Output Ripple Voltage) Please
refer P22, there is the detail information of VOUT ripple voltage.
Figure 5. Temperature (Ta) vs Output LED Current (ILED)
(2) PWM Intensity Control
Figure 6. PWM=150Hz, Duty=0.02%, ILED Waveform
Figure 7. PWM=150Hz, Duty=50.0%, ILED Waveform
The current driver ON/OFF is controlled by PWM terminal. The duty ratio of PWM terminal becomes duty ratio of ILED. If don’t
use PWM dimming, please set the PWM terminal to HIGH. Output light intensity is greatest at 100% input
3. Buck-Boost DC/DC Controller
(1) Number of LED in Series Connection
In this IC, the output voltage of the DC/DC converter (VOUT) is controlled by LED cathode voltage (LED1–4 terminal
voltage) becomes 1.0V (Typ). When two or more LED are operating at the same time, the LED terminal voltage that
connects the highest LED Vf row is held at 1.0V (Typ). Then the voltages of other LED terminal will increased only LED VF
tolerance. Please decide LED VF tolerance by using the description as shown below:
LED series number x LED VF tolerance voltage < Short Detection Voltage 4.2V (Min) - LED Control Voltage 1.1V (Max)
(2) Over Voltage Protection (OVP)
The output of the DC/DC converter (VOUT) should be connected to the OVP pin via voltage divider. If OVP terminal voltage
is over 2.0V (Typ), Over Voltage Protection (OVP) is active and stop the DCDC switching. In determining an appropriate
trigger voltage for OVP function, consider the total number of LEDs in series and the Maximum variation in VF. When OVP
terminal voltage drops to 1.94V (Typ) after OVP operation, the OVP will be released. If ROVP1 is GND side resistance,
ROVP2 is output voltage side resistance and output voltage is VOUT, OVP will occur at below equation.
[ ]
{(
1[
] +
2[
])/1[
]} × 2.0[ ]
OVP will engage when VOUT >32V if ROVP1=22kΩ and ROVP2=330kΩ.
PWM
(2V/div)
ILED
(50mA/div)
PWM
(2V/div)
ILED
(50mA/div)
500ns/div
1ms/div


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com