Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 3 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 3 Page - Rohm

  BD81A24MUV-M Datasheet HTML 1Page - Rohm BD81A24MUV-M Datasheet HTML 2Page - Rohm BD81A24MUV-M Datasheet HTML 3Page - Rohm BD81A24MUV-M Datasheet HTML 4Page - Rohm BD81A24MUV-M Datasheet HTML 5Page - Rohm BD81A24MUV-M Datasheet HTML 6Page - Rohm BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Datasheet
Datasheet
3/36
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
BD81A24MUV-M/EFV-M
TSZ22111・15・001
Description of Blocks
1. Voltage Reference (VREG)
5V (Typ) is generated from the VCC Input Voltage (when at EN=High). This voltage (VREG) is used as power supply of
internal circuit and when fixing the pins outside of the IC at a high voltage, as well. The UVLO protection is integrated in
VREG. The circuit starts to operate at VCC≥4.0V (Typ) and VREG=3.5V (Typ) and stops when at VCC≤3.5V (Typ) or
VREG≤2.0V (Typ). For release/cancellation condition and detection condition, please refer to Table 2 on page 11. Connect a
ceramic capacitor (CREG) to VREG terminal for phase compensation. CREG range is 1.0µF to 4.7µF and recommend value
is 2.2µF. If the CREG is not connected, the operation of circuit will be notably unstable.
2. Constant Current Driver
Table1. LED Control Logic
LEDEN1
LEDEN2
LED1
LED2
LED3
LED4
L
L
ON
ON
ON
ON
H
L
ON
ON
ON
OFF
L
H
ON
ON
OFF
OFF
H
H
ON
OFF
OFF
OFF
If less than four constant-current drivers are used, please make the LED1 to 4 terminal ‘open’ while the output ‘OFF’ by
LEDEN1 and LEDEN2 terminal. The truth table for these pins is shown above. If the unused constant-current driver output
will be set open without the process of LEDEN1,2 terminals, the ‘open detection’ will be activated. The LEDEN1, 2 terminals
is pulled down internally in the IC and it is low at ‘open’ condition. They should be connected to VREG terminal or fixed to
logic HIGH when in use.
(1) Output Current Setting (RISET)
Figure 4. ILED vs RISET
The Output Current ILED can be obtained by the following equation:
[
] = (1.0
[ Ω]
) × 5000
RISET operating range is 41kohm to 250kohm. It cannot change the RISET value in the operation.
This IC has ISET-GND short protection that protect LED element from over current when ISET and GND is short. If the
RISET value is under 4.7kohm, the IC detects ISET-GND short and LED current becomes off.
20
30
40
50
60
70
80
90
100
110
120
40
60
80
100 120 140 160 180 200 220 240
RISET[kΩ
]
ILED vs RISET


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com