Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 29 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 29 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 25Page - Rohm BD81A24MUV-M Datasheet HTML 26Page - Rohm BD81A24MUV-M Datasheet HTML 27Page - Rohm BD81A24MUV-M Datasheet HTML 28Page - Rohm BD81A24MUV-M Datasheet HTML 29Page - Rohm BD81A24MUV-M Datasheet HTML 30Page - Rohm BD81A24MUV-M Datasheet HTML 31Page - Rohm BD81A24MUV-M Datasheet HTML 32Page - Rohm BD81A24MUV-M Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
Datasheet
Datasheet
29/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
Calculation of Power Consumption (Case of Buck Boost application)
=
×
・・・①
Circuit Power
+1 ×
×
×
・・・②
Boost FET Power
+2 ×
×
×
・・・③
Buck FET Power
+{
×
+ ∆
× ( − 1)}×
・・・④
Current Driver Power
+
×
×
・・・⑤
Built-in Boost FET Power
_
= (
+
) ×
∕ ( ×
)
・・・⑥
Inductance Average Current
=
× 1.05 ×
・・・⑦
LED Output Current
= (
+ ∆
) × +
・・・⑧
DC/DC Output Voltage
=
×
/(
+
)
・・・⑨
Built-in Boost FET Current
Pc[W]
:
IC Power Consumption
Icc[A]
:
Max Circuit Current
VCC [V]
:
Power Supply Voltage
Ciss1[F]
:
Boost FET Gate Capacitance
Ciss2[F]
:
Buck FET Gate Capacity
VREG[V]
:
VREG Voltage
Fsw[Hz]
:
Switching Frequency
VLED[V]
:
LED Control Voltage
ILED [A]
:
LED Output Current
N
:
Number of LED in series
M
:
Number of LED Parallel
Vf [V]
:
LED Forward Voltage
△Vf[V]
:
LED Vf tolerance
RonFET[Ω]
:
Boost FET ON Resistance
η
:
Efficiency
<Sample Calculation>
Buck Boost application, Icc=10mA, VCC=12V, Ciss1=65pF, Ciss2=2000pF, VREG=5V, Fsw=2200kHz, VLED=1V, ILED=50mA,
N=7, M=4, Vf=3.5V, ∆Vf=0.5V, n=80%, RonFET=0.8Ω
= (3.5 + 0.5 ) × 7
+ 1 = 29
= 50
× 1.05 × 4
= 0.21
_
= (12 + 29 ) 12
× 0.21
0.8
= 0.897
= 0.897 × 29
(12 + 29 ) = 0.634
= 10
× 12 + 65
× 5 × 2200
× 5 + 2000
× 5 × 2200
×
5 + {1.0 × 4 + 0.5 × (4− 1)} × 50
+ 0.8 × 0.634 × 0.634 = 0.830[ ]
The above mentioned is a simple calculation and sometimes the value may differ from the actual value.


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com