Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 25 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 25 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 21Page - Rohm BD81A24MUV-M Datasheet HTML 22Page - Rohm BD81A24MUV-M Datasheet HTML 23Page - Rohm BD81A24MUV-M Datasheet HTML 24Page - Rohm BD81A24MUV-M Datasheet HTML 25Page - Rohm BD81A24MUV-M Datasheet HTML 26Page - Rohm BD81A24MUV-M Datasheet HTML 27Page - Rohm BD81A24MUV-M Datasheet HTML 28Page - Rohm BD81A24MUV-M Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Datasheet
Datasheet
25/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
12. EN restart check
EN restart when Vout voltage is remain, it possible to detect SCP. Please set the condition according to applications.
When use the Buck Boost or Buck application.
Please connect Vout and VDISC terminal and set EN=Low time refer to the below equation.
[ ] =
×
[ ]×
[ ]
×
[ ]
<
[ ]
Regarding Tdisc details, please refer P.8.
When use the Boost application.
Please adjust CSS and Cpc value according to below. If Cpc value is changed, phase margin will changed, and if CSS value
is changed, start up time is changed. Please verifying by actual measurements.
1[ ] =(
0.4+2.7× −
[ ]
0.4 + 2.7 ×
×
1
[
] ×
[
] × 138
+ 1.56) ×
[
]/(0.46 ×
[%])
2[ ] =
[
] × 0.61 + 29791/
[
]
Please adjust CSS and Cpc value with
1[ ] < 2[ ]
n: LED series number
VCC [V]: Power supply
Fosc [kHz]: DCDC Frequency
RRT [kΩ]: RT resistance
Cpc [μF]: COMP capacitor
Duty [%]: PWM Duty
CSS [μF]: SS capacitor
Ex.) n=7, Vcc=7V, Fosc=300kHz, RRT=27kΩ, Cpc=0.01μF, CSS=0.1μF, PWM Duty = 1%
1[ ] =(
0.4 + 2.7 × 7 − 7
0.4+2.7× 7
×
1
300 × 27 × 138
+ 1.56) × 0.01/(0.46 × 1) =46.3
2[ ] = 0.1 × 0.61 +
29791
300
= 99.4
1[ ] < 2[ ] This condition is OK.
13. Verification of the operation by taking measurements
The overall characteristics may change based on load current, input voltage, output voltage, inductance, load capacitance,
switching frequency, and PCB layout. We strongly recommend verifying your design by the actual measurements.


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com