Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 24 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 24 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 20Page - Rohm BD81A24MUV-M Datasheet HTML 21Page - Rohm BD81A24MUV-M Datasheet HTML 22Page - Rohm BD81A24MUV-M Datasheet HTML 23Page - Rohm BD81A24MUV-M Datasheet HTML 24Page - Rohm BD81A24MUV-M Datasheet HTML 25Page - Rohm BD81A24MUV-M Datasheet HTML 26Page - Rohm BD81A24MUV-M Datasheet HTML 27Page - Rohm BD81A24MUV-M Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Datasheet
Datasheet
24/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
Open Detection OVP Pin Voltage
(
) =1.9
If ROVP1=20kΩ, please set by ROVP2 > 286.3kΩ from (1)
Sample 2: VF=3.2V±0.3V LED is used in 3series
(
)[ ] = 1.1 (
) + (3.2 + 0.3 ) × 3 = 11.6
Open Detection OVP Pin Voltage
(
) =1.9
If ROVP1=20kΩ, please set by ROVP2 > 102.21kΩ from (1).
10. Setting of Soft Start time
The soft start circuit minimizes the coil current at the input and overshoot at the output voltage during the start-up condition.
A capacitance in the range of 0.047 to 0.47µF is recommended. A capacitance of less than 0.047µF may cause overshoot at
the output voltage. However, a capacitance greater than 0.47µF may cause massive reverse current through the parasitic
elements when power supply is OFF and may damage the IC.
Soft start time TSS (Typ) is below.
[ ] =
[
] × 3.3[ ] ∕ 5[
]
CSS: The capacitance at SS terminal
11. Check the Start up time
If the PWM duty at start up is small, the start up time is longer. If you want to setup the Startup Time shorter, small CPC value
is available, but it needs phase margin check. Below data is PWM duty vs Startup Time of representative two conditions.
Condition 1 (Boost, below figure left side)
Vcc = 12V, Vout = 30V (assumed LED 8 series), RRT = 27kΩ (Fosc = 300kHz), CPC=0.01μF, RPC=5.1kΩ, CSS = 0.1μF,
ROVP1 = 20kΩ, ROVP2 = 360kΩ
Figure 27. PWM Duty vs Startup Time (Boost)
Condition 2 (Buck Boost, below figure right side)
Vcc = 12V, Vout = 20V (assumed LED 5 series), RRT = 27kΩ (Fosc = 300kHz), CPC=0.01μF, RPC=5.1kΩ, CSS = 0.1μF,
ROVP1 = 30kΩ, ROVP2 = 360kΩ
Figure 28. PWM Duty vs Startup Time (Buck Boost)
Above data is only reference data. Actual Startup Time depends on layout pattern, parts value and part characteristics,
Please verify your design by the actual measurements.
0
100
200
300
400
500
600
700
800
900
1000
0
2040
6080
100
PWM duty [%]
PWM duty vs Startup Time
(Boost)
0
100
200
300
400
500
600
700
800
900
1000
0
0.2
0.4
0.6
0.8
1
PWM duty [%]
PWM duty vs Startup Time
(Boost, Zoom up)
0
100
200
300
400
500
600
700
800
900
1000
0
204060
80
100
PWM duty [%]
PWM duty vs Startup Time
(BuckBoost)
0
100
200
300
400
500
600
700
800
900
1000
00.2
0.4
0.6
0.81
PWM duty [%]
PWM duty vs Startup Time
(BuckBoost, Zoom up)


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com