Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 23 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 23 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 19Page - Rohm BD81A24MUV-M Datasheet HTML 20Page - Rohm BD81A24MUV-M Datasheet HTML 21Page - Rohm BD81A24MUV-M Datasheet HTML 22Page - Rohm BD81A24MUV-M Datasheet HTML 23Page - Rohm BD81A24MUV-M Datasheet HTML 24Page - Rohm BD81A24MUV-M Datasheet HTML 25Page - Rohm BD81A24MUV-M Datasheet HTML 26Page - Rohm BD81A24MUV-M Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Datasheet
Datasheet
23/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
8.
Phase Characteristics adjustment
Figure 25. COMP terminal Application Circuit Diagram
About Application Stability Condition
The stability in LED voltage feedback system is achieved when the following conditions are met.
(1) The phase delay when gain is 1(0dB) is below 150°C (or simply, phase margin >30°C).
(2) The frequency (Unity Gain Frequency) when gain is 1(0dB) is <1/10 of switching frequency.
One way to assure stability based on phase margin adjustment is setting the Phase-lead fz close to switching frequency. In
addition, the Phase-lag fp1 shall be decided based on COUT and Output impedance RL.
Respective formula shall be as follows.
Phase-lead
[
] = 1/(2
[Ω]
[ ])
Phase-lag
1[
] = 1/(2
[Ω]
[ ])
(Note) The output impedance calculated from
=
/
Good stability would be obtained when the fz is set between 1kHz to 10kHz.
It is important to keep in Mind that these are very loose guidelines, and adjustments may have to be made to ensure stability
in the actual circuitry. It is also important to note that stability characteristics can change greatly depending on factors such
as substrate layout and load conditions. Therefore, when designing for mass-production, stability should be thoroughly
investigated and confirmed in the actual physical design.
9.
Setting of Over Voltage Protection(OVP)
Over voltage protection (OVP) is set from the external resistance ROVP1 and ROVP2.
The setting described below will be important in the either boost, buck, buck-boost applications.
Figure 26. OVP Application Circuit
The OVP terminal detects the over voltage when at >2.0V (Typ) and stops the DC/DC switching. In addition, it detects the
open condition when OVP terminal is at >2.0V (Typ) and LED1 to 4 pin voltage is at <0.3V (Typ), and the circuit is latched to
OFF (Please refer to page 6, Protect Function). In preventing error in detection of OPEN, it is necessary that the resistor
divide voltage of the maximum value of output voltage shall be less than the MIN value of OPEN detection voltage. Please
set the ROVP1 and ROVP2 is such a way the formula shown below can be met.
(
)[ ] × {1[ ](
1[ ] +
2[ ])
} <
(
)[ ] …(1)
Vout: DC/DC Output Voltage
VOVPopen: OVP Pin Open Detection Voltage
Sample 1: When VF=3.2V±0.3V LED is used in 8series
(
)[ ] = 1.1 (
) + (3.2 + 0.3 ) × 8 = 29.1
Vout
LED1~4
A
Internal IC
COMP
RPC
CPC
ROVP2
ROVP1
OVP
Vout
Internal IC
2.0V/1.94V
1.0V/0.57V


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com