Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 22 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 22 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 18Page - Rohm BD81A24MUV-M Datasheet HTML 19Page - Rohm BD81A24MUV-M Datasheet HTML 20Page - Rohm BD81A24MUV-M Datasheet HTML 21Page - Rohm BD81A24MUV-M Datasheet HTML 22Page - Rohm BD81A24MUV-M Datasheet HTML 23Page - Rohm BD81A24MUV-M Datasheet HTML 24Page - Rohm BD81A24MUV-M Datasheet HTML 25Page - Rohm BD81A24MUV-M Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Datasheet
Datasheet
22/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
3.
Selection of the inductor
In order to achieve stable operation of the current mode DC/DC converter, we recommend selecting the L value in the range
indicated below.
0.05[ ⁄ ]<
[ ] ×
[ ]
[
]
< 0.63 ×
[
]
Since there is almost ±30% variation in the value of coil L, keep enough margin and set.
The smaller
[ ]×
[ ]
[
]
allows stability improvement but slows down the response time.
If the condition of VCC is under 5V, please satisfy below equation when selecting the coil.
[
] <
12 ×
[ ] ×
[ ] ×
[ ] ×
[ ] ×
[
]
The coil outside of above equations may cause Low LED brightness.
4.
Selection of Coil L, Diode D1, D2, MOSFET M1, RCS and COUT
Current Rating
Voltage Rating
Heat Loss
Coil L
> IL_Max
Diode D1
> IOCP
> VCC_Max
Diode D2
> IOCP
> Vovp_Max
MOSFET M1
> IOCP
> VCC_Max
RCS
> Iocp2 × Rcs
COUT
>Vovp_Max
Please consider external parts deviation and make the setting with enough margin.
In order to achieve fast switching, choose the MOSFET’s with the smaller gate-capacitance.
5.
Selection of Output Capacitor
Select the output capacitor COUT based on the requirement of the ripple voltage Voutpp.
[ ] =
20 ×
[ ]
[
] ×
[ ] ×
+∆ [ ] ×
[ ]
Actually, VOUT ripple voltage is sensitive to PCB layout and external components characteristics. Therefore, when designing
for mass-production, stability should be thoroughly investigated and confirmed in the actual physical design. Available Cout
max value is 500µF.
6.
Selection of Input Capacitor
We recommend an input capacitor greater than 10μF with the small ESR ceramic capacitor. The input capacitor outside of
our recommendation may cause large ripple voltage at the input and hence lead to malfunction.
7.
Selection of BOOT – SW capacitor
When using the Buck Boost application or Buck application, please input BOOT - SW capacitor 0.1µF.


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com