Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 11 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 11 Page - Rohm

Back Button BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm BD81A24MUV-M Datasheet HTML 10Page - Rohm BD81A24MUV-M Datasheet HTML 11Page - Rohm BD81A24MUV-M Datasheet HTML 12Page - Rohm BD81A24MUV-M Datasheet HTML 13Page - Rohm BD81A24MUV-M Datasheet HTML 14Page - Rohm BD81A24MUV-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Datasheet
Datasheet
11/36
BD81A24MUV-M/EFV-M
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
Electrical Characteristics (VCC=12V, Ta = -40°C to +125°C *Unless otherwise specified)
Parameter
Symbol
Limit
Unit
Conditions
Min
Normal
Max
Circuit Current
ICC
-
-
10
mA
EN=High, SYNC=High, RT=OPEN
PWM=Low, ISET=OPEN,CIN=10μF
Standby Current
IST
-
-
10
μA
EN=Low, VDISC=OPEN
[VREG]
Reference Voltage
VREG
4.5
5.0
5.5
V
IREG=-5mA, CREG=2.2μF
[OUTH]
OUTH High Side ON-Resistor
RONHH
1.5
3.5
7.0
IOUTH=-10mA
OUTH Low Side ON-Resistor
RONHL
0.8
2.5
5.5
IOUTH=10mA
OCP Detection Voltage
VOLIMIT
VCC-0.22
VCC-0.2
VCC-0.18
V
[OUTL]
OUTL ON-Resistor
RONL
0.44
0.80
1.15
IOUTL=-10mA, Ta=25°C
0.20
0.80
2.10
IOUTL=10mA, Ta=-40°C to 125°C
[SW]
SW Low Side
ON-Resistor
RON_SW
4.0
10.0
25.0
ISW=10mA
[Error AMP]
LED Control Voltage
VLED
0.9
1.0
1.1
V
COMP Sink Current
ICOMPSINK
35
80
145
μA
VLED=2V, VCOMP=1V
COMP Source Current
ICOMPSOURCE
-145
-80
-35
μA
VLED=0.5V, VCOMP=1V
[Oscillator]
Oscillation Frequency 1
fosc1
285
300
315
kHz
RT=27kΩ
Oscillation Frequency 2
fosc2
1800
2000
2200
kHz
RT=3.9kΩ
[OVP]
OVP Detection Voltage
VOVP1
1.9
2.0
2.1
V
VOVP=Sweep up
OVP Hysteresis Width
VOVPHYS1
0.02
0.06
0.10
V
VOVP=Sweep down


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com