Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD81A24MUV-M Datasheet(PDF) 1 Page - Rohm

Part # BD81A24MUV-M
Description  4ch White LED Driver with Buck-Boost
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A24MUV-M Datasheet(HTML) 1 Page - Rohm

  BD81A24MUV-M Datasheet HTML 1Page - Rohm BD81A24MUV-M Datasheet HTML 2Page - Rohm BD81A24MUV-M Datasheet HTML 3Page - Rohm BD81A24MUV-M Datasheet HTML 4Page - Rohm BD81A24MUV-M Datasheet HTML 5Page - Rohm BD81A24MUV-M Datasheet HTML 6Page - Rohm BD81A24MUV-M Datasheet HTML 7Page - Rohm BD81A24MUV-M Datasheet HTML 8Page - Rohm BD81A24MUV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1/36
TSZ02201-0T3T0C600070-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
2016.10.19 Rev.003
www.rohm.com
TSZ22111・15・001
4ch White LED Driver with Buck-Boost
(40 LED Maximum)
BD81A24MUV-M / BD81A24EFV-M
General Description
BD81A24MUV-M/EFV-M is a white LED driver with the capability of
withstanding high input voltage (35V Max). This driver has 4ch
constant-current drivers integrated in 1-chip, where each channel
can draw up to 120mA (Max), which is also suitable for high
illumination LED drive. Furthermore, a buck-boost current mode
DC/DC controller is also integrated to achieve stable operation
during power voltage fluctuation. Light modulation (5000: 1 dimming
function) is possible by PWM input.
Features
Integrated Buck-Boost Current Mode DC/DC Controller
Integrated 4ch Current Driver for LED Drive
5000: 1 PWM Dimming @200Hz
External Switching Frequency Synchronization
Built-In Protection Function (UVLO, OVP, OCP, SCP)
LED Abnormality Detection Function (Open/Short)
Integrated VOUT Discharge Function (Buck-Boost or Buck
Structure Limitation)
AEC-Q100 Qualified (Note 1)
(Note 1)
Grade1
Application
For Display audio, CID, Cluster, HUD
Small and Medium type LCD Panels for Automotive use.
Key Specifications
Operating Input Voltage Range
Output LED Current Accuracy
DC/DC Oscillation Frequency
Operating Temperature Range
LED Maximum Output Current
PWM Min Pulse Width
4.5 to 35 V
±3.0%@50mA
200 to 2200kHz
-40 to +125°C
120mA/ch
1.0µs
Package(s) W(Typ) x D(Typ) x H(Max)
VQFN28SV5050
HTSSOP-B28
(BD81A24MUV-M)
(BD81A24EFV-M)
W(Typ) × D(Typ) × H(Max) W(Typ) × D(Typ) × H(Max)
5.0mm × 5.0mm ×1.0mm
9.7mm × 6.4mm × 1.0mm
Typical Application Circuit
Product structure: Silicon monolithic integrated circuit
This product has no designed protection against radioactive rays
BD81A24MUV-M /
BD81A24EFV-M
CIN
VCC
CREG
VREG
VCC
EN
VDISC
OVP
CS
BOOT
OUTH
SW
OUTL
COUT
DGND
LED1
LED2
LED3
LED4
PGND
FAIL2
SYNC
RT
RRT
COMP
RPC
CPC
SS
CSS
PWM
ISET
RISET
GND
SHDETEN
LEDEN1
LEDEN2
FAIL1
VREG
Figure 1. Buck-Boost Application Circuit
Datasheet


Similar Part No. - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24MUV-ME2 ROHM-BD81A24MUV-ME2 Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results

Similar Description - BD81A24MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A34MUV-M ROHM-BD81A34MUV-M Datasheet
1Mb / 36P
   4ch White LED Driver with Buck-Boost (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A74EFV-M ROHM-BD81A74EFV-M Datasheet
3Mb / 44P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
8.Oct.2021 Rev.007
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com