Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS30-103R-N Datasheet(PDF) 4 Page - Copal Electronics

Part # PS30-103R-N
Description  PRESSURE SWITCHES WITH GAUGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30-103R-N Datasheet(HTML) 4 Page - Copal Electronics

  PS30-103R-N Datasheet HTML 1Page - Copal Electronics PS30-103R-N Datasheet HTML 2Page - Copal Electronics PS30-103R-N Datasheet HTML 3Page - Copal Electronics PS30-103R-N Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PS30
PRESSURE SWITCHES WITH GAUGE
HOW TO MOUNT OPTIONAL ACCESSORIES (Sold separately)
□31
20
4 – φ3.3
15
10
2 – Rc1/8
Pressure port
Material : Zink die-casting / nickel plate
Material:SUS304
t = 1.5
18
30
20
φ4.2 x 5.2
Slot
φ4.2
2-φ3.5
18
Fixed
Body
(PS30)
“O” ring
(P8)
Port block
M3×10
Male screw (2 pcs.)
SW1
PS30
SW2
kPa
42.6)
(5.7)
4.5
23.5
40
36 +0.5
0
Panel cut dimension (Panel board thickness : 1 ~ 3.6 mm)
Panel holder cover
Panel holder
Body(PS30)
Mounting panel
Panel stopper 2 pcs.
Holder cover set
Panel holder set
Port block
How to mount port block
Rear panel mounting bracket
Material:SUS304
t = 1.5
2-φ3.5
20
φ4.2
φ4.2 x 5.2 Slot
20
15
15
Fixed
Panel mounting bracket
Panel mounting bracket (Option)
How to mount panel holder cover set
Description
Rear panel bracket set
ACPG-001
Rear panel bracket and M3 x 4 male
screw (2 pcs.)
Panel bracket and M3 x 4 male screw
(2 pcs.)
Panel holder cover
Panel holder
Panel stopper (2 pcs.)
Panel holder cover
Panel holder
Port block
“O” ring (P8)
M3 x 10 Male screw 2 pcs.
Seal screw 1 pc.
ACPG-002
ACPG-003
ACPG-004
ACPG-005
Panel bracket set
Panel holder set
Holder cover set
(For protecting operating panel)
Port block
Name
Contents


Similar Part No. - PS30-103R-N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS30 VISHAY-PS30 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
   Slide Potentiometer
logo
Copal Electronics
PS30 COPAL-PS30 Datasheet
255Kb / 8P
   DISPLAY TYPE PRESSURE SWITCH
logo
TOKYO SEIMITSU CO., LTD
PS300 ACCRETECH-PS300 Datasheet
684Kb / 2P
   The optical system comes with a wider visual field and higher
More results

Similar Description - PS30-103R-N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
PS6 COPAL-PS6_16 Datasheet
100Kb / 4P
   PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
548010 FESTO-548010 Datasheet
104Kb / 2P
   Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
   Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
   Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
   Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
   Pressure gauge
8/10/22
9791 FESTO-9791 Datasheet
87Kb / 1P
   Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
   Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
   Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com