Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS30-103R-N Datasheet(PDF) 2 Page - Copal Electronics

Part # PS30-103R-N
Description  PRESSURE SWITCHES WITH GAUGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30-103R-N Datasheet(HTML) 2 Page - Copal Electronics

  PS30-103R-N Datasheet HTML 1Page - Copal Electronics PS30-103R-N Datasheet HTML 2Page - Copal Electronics PS30-103R-N Datasheet HTML 3Page - Copal Electronics PS30-103R-N Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS30
Permissible change
± 2 %F.S. maximum after test
※1
Item
Model number
102R
103R
STANDARD SPECIFICATIONS
Pressure reference
Gauge
Non-corrosive gases
− 100 ~ 100
− 100 ~ 1000
200
1500
500
2000
− 10 ~ 50
0 ~ 50
35 ~ 85No condensation
− 20 ~ 70(Atmospheric pressure, humidity 65 %RH maximum)
Approx. 60Including 1.5 m cable
12 ~ 24 V ± 10 %Including ripple voltage
40
± 3 %F.S. (0 ~ 50 °C)
100 (DC 500 V)
500 V AC, 60 sLeakage current 1 mA maximum
M5 female screw, “O” ring groove (P8)
LED(
2 and 1/2 digit
− 100 ~ 100
———
———
− 0.10 ~ 1.00
± 1 %F.S.
1 count
Open collector output (NPN or PNP)
30 V DC 100 mA maximum 
Short-circuit protection
1.2 V (NPN), 2.2 V (PNP)
Output 1 (SW1), Output 2 (SW2) Light on when output is ON.
0 ~ 30 countsAdjustable
± 0.3 maximum
Approx 5, 25, 250Adjustable
2
Pressure medium
Rated pressure range
kPa
Maximum pressure kPa
Break-down pressure
kPa
Operating temp. range
°C
Compensated temp. range
°C
Operating humidity
%RH
Storage temp.
°C
Net weight
g
Supply voltage
V DC
Consumption current
mA maximum
Thermal error
Insulation resistance
MΩminimum
Dielectric strength
Pressure port
Display element
Rated display range
kPa
MPa
Display accuracy
Resolution
No. of outputs
Output interface
Switching capacity
Residual voltage
V maximum
Display
Switch
hysteresis
Repeatability
%F.S.
Response
ms
Unless otherwise specified, the specs are defined at an ambient temperature of 25 ± 5 °C and excitation voltage of 24 V DC.
PS30
PRESSURE SWITCHES WITH GAUGE
※ 1 
Change in the pressure indication, switch operating points.
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Vibration
10 ~ 500 Hz, 98.1 m/s2 or 1.5 mm P-P, 3 directions for 2 hours each
490 m/s2, 3 directions for 3 times each
0 ~ Rated pressure106 cycles
40 °C, 90 ~ 95 %RH, 240 hrs.
EMI : EN55011: 2007, A2 : 2007 Group 1, class B 
EMS : EN61326-1 : 2006 Table 2
Switch operating pressure : ± 5 %F.S., maximum during tset
※1
Shock
Pressure cycling
Moisture resistance
EMC


Similar Part No. - PS30-103R-N

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PS30-1 TTELEC-PS30-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
More results

Similar Description - PS30-103R-N

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS6 COPAL-PS6_16 Datasheet
100Kb / 4P
PRESSURE SWITCHES WITH GAUGE
PS60 COPAL-PS60_16 Datasheet
96Kb / 4P
PRESSURE SWITCHES WITH GAUGE
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com