Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM124BBK32 Datasheet(PDF) 8 Page - Texas Instruments

Part # TM124BBK32
Description  DYNAMIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM124BBK32 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM124BBK32 Datasheet HTML 3Page - Texas Instruments TM124BBK32 Datasheet HTML 4Page - Texas Instruments TM124BBK32 Datasheet HTML 5Page - Texas Instruments TM124BBK32 Datasheet HTML 6Page - Texas Instruments TM124BBK32 Datasheet HTML 7Page - Texas Instruments TM124BBK32 Datasheet HTML 8Page - Texas Instruments TM124BBK32 Datasheet HTML 9Page - Texas Instruments TM124BBK32 Datasheet HTML 10Page - Texas Instruments TM124BBK32 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TM124BBK32, TM124BBK32S 1048576 BY 32-BIT
TM248CBK32, TM248CBK32S 2097152 BY 32-BIT
DYNAMIC RAM MODULE
SMMS132D – JANUARY 1991 – REVISED JUNE 1995
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing requirements over recommended range of supply voltage and operating free-air
temperature
’124BBK32-60
’248CBK32-60
’124BBK32-70
’248CBK32-70
’124BBK32-80
’248CBK32-80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tRC
Cycle time, random read or write (see Note 7)
110
130
150
ns
tPC
Cycle time, page-mode read or write (see Note 8)
40
45
50
ns
tCP
Pulse duration, CAS high
10
10
10
ns
tCAS
Pulse duration, CAS low
15
10 000
18
10 000
20
10 000
ns
tRP
Pulse duration, RAS high (precharge)
40
50
60
ns
tRASP
Pulse duration, page mode, RAS low
60
100 000
70
100 000
80
100 000
ns
tRAS
Pulse duration, nonpage mode, RAS low
60
10 000
70
10 000
80
10 000
ns
tWP
Pulse duration, write
15
15
15
ns
tASC
Setup time, column address before CAS low
0
0
0
ns
tASR
Setup time, row address before RAS low
0
0
0
ns
tDS
Setup time, data
0
0
0
ns
tRCS
Setup time, read before CAS low
0
0
0
ns
tWCS
Setup time, W low before CAS low
0
0
0
ns
tWSR
Setup time, W high (CBR refresh only)
10
10
10
ns
tCWL
Setup time, W low before CAS high
15
18
20
ns
tRWL
Setup time, W low before RAS high
15
18
20
ns
tWTS
Setup time, W low (test mode only)
10
10
10
ns
tCAH
Hold time, column address after CAS low
10
15
15
ns
tRAH
Hold time, row address after RAS low
10
10
10
ns
tAR
Hold time, column address after RAS low (see Note 9)
50
55
60
ns
tDHR
Hold time, data after RAS low (see Note 9)
50
55
60
ns
tDH
Hold time, data
10
15
15
ns
tRCH
Hold time, read after CAS high (see Note 10)
0
0
0
ns
tRRH
Hold time, read after RAS high (see Note 10)
0
0
0
ns
tWCH
Hold time, write after CAS low
15
15
15
ns
tWHR
Hold time, W high (CBR refresh only)
10
10
10
ns
tWCR
Hold time, write after RAS low
50
55
60
ns
tWTH
Hold time, W low (test mode only)
10
10
10
ns
tCSH
Delay time, RAS low to CAS high
60
70
80
ns
tCRP
Delay time, CAS high to RAS low
0
0
0
ns
tRCD
Delay time, RAS low to CAS low (see Note 11)
20
45
20
52
20
60
ns
tCHR
Delay time, RAS low to CAS high (CBR refresh only)
15
15
20
ns
tCSR
Delay time, CAS low to RAS low (CBR refresh only)
10
10
10
ns
tRAD
Delay time, RAS low to column address (see Note 11)
15
30
15
35
15
40
ns
tRAL
Delay time, column address to RAS high
30
35
40
ns
NOTES:
7. All cycle times assume tT = 5 ns.
8. To assure tPLmin, tASC should be ≥ 5 ns.
9. The minimum value is measured when tRCD is set to tRCD min as a reference.
10. Either tRRH or tRCH must be satisfied for a read cycle.
11. Maximum value specified only to assure access time.


Similar Part No. - TM124BBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-60 TI-TM124BBK32-60 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-70 TI-TM124BBK32-70 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-80 TI-TM124BBK32-80 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM124BBK32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBJ36F TI1-TM124MBJ36F Datasheet
164Kb / 10P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124FBK32F TI1-TM124FBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM893CBK32 TI-TM893CBK32 Datasheet
119Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM8SK64JPN TI1-TM8SK64JPN Datasheet
206Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??SODIMM
TM8SK64JPU TI1-TM8SK64JPU Datasheet
218Kb / 13P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ??? SODIMM
TM16SM64JBN TI1-TM16SM64JBN Datasheet
190Kb / 12P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULE ???SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com