Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQXT-210 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXT-210
Description  VCTCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-210 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXT-210 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-210 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXT-210 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQXT-210
VCTCXO Specification
Operating Temperature Ranges
-20 to 70°C
-30 to 75°C
-40 to 85°C
Output Details
Output Compatability
HCMOS/Clipped Sine
Duty Cycle (HCMOS): 45/55%
Rise/Fall Time (HCMOS): 8ns max
Output Load (HCMOS): 15pF
Output Load (Clipped Sine): 10kΩ//10pF
Output Levels (HCMOS):
Low (@ Vs=3.3V, load=15pF): 0.4V max
High (@ Vs=3.3V, load=15pF): 2.4V min
Output Level (Clipped Sine): 0.8V pk-pk min
Noise Parameters
Phase Noise (@ 10MHz typ):
-90dBc/Hz @ 10Hz
-115dBc/Hz @ 100Hz
-135dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
-148dBc/Hz @ 100kHz
-150dBc/Hz @ 1MHz
Environmental Parameters
Storage Temperature Range: -55 to 105°C
ESD Level:
HBM, Class 2: 2000V to 4000V, JEDEC JS-001-2010
Machine Model, Class B: 200V to 400V, JEDEC JS-001-2010
Shock: IEC 60068-2-27, Test Ea: 100G acceleration for 6ms,
half sinewave, in 3 mutually perpendicular planes
Vibration: IEC 60068-2-6, Test Fc: 10Hz-2000Hz, 0.75mm
amplitude, 10G acceleration, 30mins per cycle, in 3 mutually
perpendicular planes, test duration 2hrs
Manufacturing Details
Moisture Sensitivity Level: 2
Maximum Reflow Temperature: 260°C (30secs max)
Ordering Information
Frequency*
Model Option*
Output Type*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
Pulling*
(*minimum required)
Example
10.0MHz IQXT-210-3
HCMOS ±0.14ppm -40 to 85C 3.3V ±10ppm to ±15ppm
Note: not all stability/temperature combinations are available
for all frequencies (please contact the IQD sales office to
discuss your specific requirements)
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
2
Printed on 26 Apr 16 12:01 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-210

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
VCTCXO Specification
IQXT-200-1 IQD-IQXT-200-1 Datasheet
340Kb / 3P
VCTCXO Specification
IQXT-200-2 IQD-IQXT-200-2 Datasheet
340Kb / 3P
VCTCXO Specification
IQXT-200-3 IQD-IQXT-200-3 Datasheet
340Kb / 3P
VCTCXO Specification
IQXT-200-4 IQD-IQXT-200-4 Datasheet
340Kb / 3P
VCTCXO Specification
More results

Similar Description - IQXT-210

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
VCTCXO Specification
V1.0020
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
VCTCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
VCTCXO Specification
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
VCTCXO Specification
LFTVXO085762 IQD-LFTVXO085762 Datasheet
262Kb / 2P
VCTCXO Specification
V1.0020
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
VCTCXO Specification
V1.0020
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
VCTCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com